Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP87C251SP16 Datasheet(PDF) 21 Page - Intel Corporation

Part # TP87C251SP16
Description  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TP87C251SP16 Datasheet(HTML) 21 Page - Intel Corporation

Back Button TP87C251SP16 Datasheet HTML 17Page - Intel Corporation TP87C251SP16 Datasheet HTML 18Page - Intel Corporation TP87C251SP16 Datasheet HTML 19Page - Intel Corporation TP87C251SP16 Datasheet HTML 20Page - Intel Corporation TP87C251SP16 Datasheet HTML 21Page - Intel Corporation TP87C251SP16 Datasheet HTML 22Page - Intel Corporation TP87C251SP16 Datasheet HTML 23Page - Intel Corporation TP87C251SP16 Datasheet HTML 24Page - Intel Corporation TP87C251SP16 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
PRELIMINARY
21
8XC251SA/SB/SP/SQ HIGH-PERFORMANCE CHMOS MICROCONTROLLER
T
AVDV
1
Address (P0) Valid to Valid Data/Instruction In
@ 12 MHz
@ 16 MHz
243.2
160
4(1+M/2)
T
OSC – 90
ns
(3)
T
AVDV
2
Address (P2) Valid to Valid Data/Instruction In
@ 12 MHz
@ 16 MHz
268.2
185
4(1+M/2)
T
OSC – 65
ns
(3)
T
AVDV
3
Address (P0) Valid to Valid Instruction In
@ 12 MHz
@ 16 MHz
116.6
75
2T
OSC – 50
ns
T
AVRL (2)
Address Valid to RD#/PSEN# Low
@ 12 MHz
@ 16 MHz
121.6
80
2(1+M)
T
OSC – 45
ns
(3)
T
AVWL
1
Address (P0) Valid to WR# Low
@ 12 MHz
@ 16 MHz
126.6
85
2(1+M)
T
OSC – 40
ns
(3)
T
AVWL
2
Address (P2) Valid to WR# Low
@ 12 MHz
@ 16 MHz
146.6
105
2(1+M)
T
OSC – 20
ns
(3)
T
WHQX
Data Hold after WR# High
@ 12 MHz
@ 16 MHz
63.3
42.5
T
OSC – 20
ns
T
QVWH
Data Valid to WR# High
@ 12 MHz
@ 16 MHz
138.6
97
2(1+N)
T
OSC – 28
ns
(4)
T
WHAX
WR# High to Address Hold
@ 12 MHz
@ 16 MHz
156.6
115
2T
OSC – 10
ns
Table 11. AC Characteristics (Continued)
Symbol
Parameter
@ Max Fosc (1)
Fosc Variable
Units
Min
Max
Min
Max
NOTES:
1.
16 MHz.
2.
Specifications for PSEN# are identical to those for RD#.
3.
In the formula, M=Number of wait states (0 or 1) for ALE.
4.
In the formula, N=Number of wait states (0,1,2, or 3) for RD#/PSEN#/WR#.
5.
“Typical” specifications are untested and not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com