Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP87C251SP16 Datasheet(PDF) 32 Page - Intel Corporation

Part # TP87C251SP16
Description  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TP87C251SP16 Datasheet(HTML) 32 Page - Intel Corporation

Back Button TP87C251SP16 Datasheet HTML 28Page - Intel Corporation TP87C251SP16 Datasheet HTML 29Page - Intel Corporation TP87C251SP16 Datasheet HTML 30Page - Intel Corporation TP87C251SP16 Datasheet HTML 31Page - Intel Corporation TP87C251SP16 Datasheet HTML 32Page - Intel Corporation TP87C251SP16 Datasheet HTML 33Page - Intel Corporation TP87C251SP16 Datasheet HTML 34Page - Intel Corporation TP87C251SP16 Datasheet HTML 35Page - Intel Corporation TP87C251SP16 Datasheet HTML 36Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
32
PRELIMINARY
8XC251SA/SB/SP/SQ HIGH-PERFORMANCE CHMOS MICROCONTROLLER
Figure 18. External Clock Drive Waveforms
Figure 19. AC Testing Input, Output Waveforms
Figure 20. Float Waveforms
0.7 V
CC
A4119-01
0.45 V
V
CC – 0.5
0.2 V
CC – 0.1
TCHCL
TCLCX
TCLCL
TCLCH
TCHCX
AC inputs during testing are driven at VCC – 0.5V for a logic 1
and 0.45 V for a logic 0. Timing measurements are made at
0.45 V
Inputs
Outputs
A4118-01
VIH MIN
VOL MAX
VCC – 0.5
0.2 VCC + 0.9
0.2 VCC – 0.1
a min of VIH for a logic 1 and VOL for a logic 0.
VLOAD + 0.1 V
VLOAD – 0.1 V
Timing Reference
Points
VLOAD
VOH – 0.1 V
VOL + 0.1 V
For timing purposes, a port pin is no longer floating when a
100 mV change from load voltage occurs and begins to float
when a 100 mV change from the loading VOH/VOL level occurs
with IOL/IOH = ± 20 mA.
A4117-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com