Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1FS6A Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # D1FS6A
Description  Schottky Barrier Diodes 60V, 2.5A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D1FS6A Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  D1FS6A Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D1FS6A Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D1FS6A Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D1FS6A Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D1FS6A Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D1FS6A Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd D1FS6A Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics (unless otherwise specified : Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
MIN
TYP
MAX
Forward voltage
V
IF=2.5A, Pulse measurement
0.57
V
Forward voltage
V
IF=1A, Pulse measurement
0.47
V
Reverse current
I
VR=60V, Pulse measurement
0.2
mA
Total capacitance
Ct
f=1MHz, VR=10V
80
pF
Thermal resistance
Rth(j-l)
Junction to lead
23
℃/W
Thermal resistance
Rth(j-a)
Junction to ambient, On alumina substrate ※
108
℃/W
Thermal resistance
Rth(j-a)
Junction to ambient, On glass-epoxy substrate ※
157
℃/W
※︓See the original Specifications
F
F
R
Shindengen Electric Manufacturing Co., Ltd.
2/7
D1FS6A_Rev.01(2020.01)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com