Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1FS6A Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D1FS6A
Description  Schottky Barrier Diodes 60V, 2.5A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D1FS6A Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D1FS6A Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D1FS6A Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D1FS6A Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D1FS6A Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D1FS6A Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D1FS6A Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd D1FS6A Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
D1FS6A
Schottky Barrier Diodes
60V, 2.5A
Feature
・Small SMD
・High Recovery Speed
・Low V
・Based on AEC-Q101
・Pb free terminal
・RoHS:Yes
OUTLINE
Package (House Name): 1F
Package (JEDEC Code): DO-214AC
Equivalent circuit
Absolute Maximum Ratings (unless otherwise specified : Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage temperrature
Tstg
-55 to 150
℃
Junction temperature
Tj
-55 to 150
℃
Repetitive peak reverse voltage
V
60
V
Average forward current
I (AV)
50Hz sine wave, Resistance load, Tl=103℃
2.5
A
Average forward current
I (AV)
50Hz sine wave, Resistance load, On alumina
substrate, Ta=25℃ ※
1.5
A
Average forward current
I (AV)
50Hz sine wave, Resistance load, On glass-epoxy
substrate, Ta=25℃ ※
1
A
Surge forward current
I
50Hz sine wave, Non-repetitive, 1cycle, Peak value,
Tj=25℃
60
A
※︓See the original Specifications
F
RRM
F
F
F
FSM
Shindengen Electric Manufacturing Co., Ltd.
1/7
D1FS6A_Rev.01(2020.01)


Similar Part No. - D1FS6A

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1FS6 SHINDENGEN-D1FS6 Datasheet
730Kb / 11P
Schottky Rectifiers (SBD) (60V 1.1A)
D1FS6 SHINDENGEN-D1FS6_10 Datasheet
597Kb / 2P
Schottky Barrier Diode
More results

Similar Description - D1FS6A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AK06 SANKEN-AK06 Datasheet
44Kb / 2P
Schottky Barrier Diodes 60V
FMB-G16L SANKEN-FMB-G16L Datasheet
39Kb / 2P
Schottky Barrier Diodes 60V
SFPB-56 SANKEN-SFPB-56 Datasheet
37Kb / 2P
Schottky Barrier Diodes (Surface Mount) 60V, 90V
logo
List of Unclassifed Man...
AK06 ETC-AK06 Datasheet
44Kb / 2P
Schottky Barrier Diodes 60V
logo
Shindengen Electric Mfg...
D5FY6ST SHINDENGEN-D5FY6ST Datasheet
1Mb / 7P
Schottky Barrier Diodes 60V, 5A
D5FY6SY SHINDENGEN-D5FY6SY Datasheet
1Mb / 7P
Schottky Barrier Diodes 60V, 5A
D10FY6ST SHINDENGEN-D10FY6ST Datasheet
1Mb / 8P
Schottky Barrier Diodes 60V, 10A
D10FY6SY SHINDENGEN-D10FY6SY Datasheet
1Mb / 7P
Schottky Barrier Diodes 60V, 10A
D15FY6ST SHINDENGEN-D15FY6ST Datasheet
1Mb / 7P
Schottky Barrier Diodes 60V, 15A
D15FY6SY SHINDENGEN-D15FY6SY Datasheet
1Mb / 7P
Schottky Barrier Diodes 60V, 15A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com