Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD813F1V-90UT Datasheet(PDF) 21 Page - STMicroelectronics

Part # PSD813F1V-90UT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1V-90UT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PSD813F1V-90UT Datasheet HTML 17Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 18Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 19Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 20Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 21Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 22Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 23Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 24Page - STMicroelectronics PSD813F1V-90UT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 110 page
background image
21/110
PSD813F1V
INSTRUCTIONS
An instruction is defined as a sequence of specific
operations. Each received byte is sequentially de-
coded by the PSD and not executed as a standard
write operation. The instruction is executed when
the correct number of bytes are properly received
and the time between two consecutive bytes is
shorter than the time-out value. Some instructions
are structured to include READ operations after
the initial WRITE operations.
The sequencing of any instruction must be fol-
lowed exactly. Any invalid combination of instruc-
tion bytes or time-out between two consecutive
bytes while addressing Flash memory will reset
the device logic into READ mode (Flash memory
reads like a ROM device). An invalid combination
or time-out while addressing the EEPROM block
will cause the offending byte to be interpreted as a
single operation.
The PSD supports these instructions (see Table
8., page 20):
Flash memory:
Erase memory by chip or sector
Suspend or resume sector erase
Program a Byte
Reset to READ mode
Read Flash Identifier value
Read Sector Protection Status
EEPROM:
Write data to OTP Row
Read data from OTP Row
Power down memory
Enable Software Data Protect (SDP)
Disable SDP
Return from read OTP Row read mode or
power down mode.
These
instructions
are
detailed
in
Table
8., page 20. For efficient decoding of the instruc-
tions, the first two bytes of an instruction are the
coded cycles and are followed by a command byte
or confirmation byte. The coded cycles consist of
writing the data AAh to address X555h during the
first cycle and data 55h to address XAAAh during
the second cycle. Address lines A15-A12 are don’t
cares during the instruction WRITE cycles. How-
ever, the appropriate sector select signal (FSi or
EESi) must be selected.
Power-down Instruction and Power-up Mode
EEPROM Power Down Instruction. The
EE-
PROM can enter power down mode with the help
of the EEPROM power down instruction (see Ta-
ble 8., page 20). Once the EEPROM power down
instruction is decoded, the EEPROM memory can-
not be accessed unless a Return instruction (also
in Table 8., page 20) is decoded. Alternately, this
power down mode will automatically occur when
the APD circuit is triggered (see section entitled
Automatic Power-down (APD) Unit and Power-
down Mode, page 65). Therefore, this instruction
is not required if the APD circuit is used.
Power-up Mode. The PSD internal logic is reset
upon power-up to the READ mode. Any write op-
eration to the EEPROM is inhibited during the first
5ms following power-up. The FSi and EESi select
signals, along with the write strobe signal, must be
in the false state during power-up for maximum se-
curity of the data contents and to remove the pos-
sibility of a byte being written on the first edge of a
write strobe signal. Any write cycle initiation is
locked when VCC is below VLKO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com