Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD4100 Datasheet(PDF) 31 Page - Analog Devices

Part # ADPD4100
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADPD4100 Datasheet HTML 27Page - Analog Devices ADPD4100 Datasheet HTML 28Page - Analog Devices ADPD4100 Datasheet HTML 29Page - Analog Devices ADPD4100 Datasheet HTML 30Page - Analog Devices ADPD4100 Datasheet HTML 31Page - Analog Devices ADPD4100 Datasheet HTML 32Page - Analog Devices ADPD4100 Datasheet HTML 33Page - Analog Devices ADPD4100 Datasheet HTML 34Page - Analog Devices ADPD4100 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 101 page
background image
Data Sheet
ADPD4100/ADPD4101
Rev. 0 | Page 31 of 101
Improving SNR Using Integrator Chopping
The last stage in the ADPD4100/ADPD4101 datapath is a
charge integrator. The integrator uses an on and off integration
sequence, synchronized to the emitted light pulse, which acts as
an additional high-pass filter to remove offsets, drifts, and low
frequency noise from the previous stages. However, the
integrating amplifier can itself introduce low frequency signal
content. The ADPD4100/ADPD4101 have a mode that enables
additional chopping in the digital domain to remove this signal.
Chopping is achieved by using an even number of pulses per
sample and inverting the integration sequence for half of those
sequences. When the calculation is performed to combine the
digitized result of each of the pulses of the sample, the sequences
with an inverted integrator sequence are subtracted and the
sequences with a normal integrator sequence are added. An
example diagram of the integrator chopping sequence is shown
in Figure 36.
The result of chopping is that any low frequency signal contribu-
tion from the integrator is eliminated, leaving only the
integrated signal and resulting in higher SNR, especially at
higher numbers of pulses and at lower TIA gains where the
noise contribution of the integrator becomes more pronounced.
Digital chopping is enabled using the registers and bits detailed
in Table 19. The bits define the chopping operation for the first
four pulses. This 4-bit sequence is then repeated for all
subsequent sequence of four pulses. In Figure 36, a sequence is
shown where the second and fourth pulses are inverted while the
first and third pulses remain in the default polarity (noninverted).
This configuration is achieved by setting the REVERSE_INTEG_x
bits = 0xA to reverse the integration sequence for the second and
fourth pulses. To complete the operation, the math must be
adjusted by setting the SUBTRACT_x bits = 0xA. An even
number of pulses must be used with integrator chop mode.
Because integrator chopping eliminates the low frequency noise
contribution from the integrator, it is recommended to always
keep integrator chop mode enabled in continuous connect
mode to achieve optimal SNR performance.
When using integrator chopping, the ADC offset bits,
CH1_ADC_ADJUST_x and CH2_ADC_ADJUST_x, must be
set to 0, because when the math is adjusted to subtract inverted
integration sequences while default integration sequences are
added, any digital offsets at the output of the ADC are automati-
cally eliminated. Integrator chop mode also eliminates the need
to manually null the ADC offsets at startup in a typical application.
Note that the elimination of the offset using integrator chop
mode can clip at least half of the noise signal when no input
signal is present, which makes it difficult to measure the noise
floor during characterization of the system. There are three
options for performing noise floor characterization of the system.
•
Integrator chop mode disabled.
•
Integrator chop mode enabled but with a minimal signal
present at the input, which increases the noise floor
enough such that it is no longer clipped.
•
Setting the ZERO_ADJUST_x bit = 1, which adds 2048 codes
to the end result.
LED
+
–
INTEGRATOR
SEQUENCE
ADC
BPF OUTPUT
+
–
+
–
+
–
+
+
–
–
PULSE 1
PULSE 2
PULSE 3
PULSE 4
Figure 36. Diagram of Integrator Chopping Sequence
Table 19. Register Settings for Integrator Chop Mode
Group
Time Slot A
Register
Address1
Bit Field Name
Description
Integrator
Chop Mode
0x010D, Bits[7:4]
SUBTRACT_x
Four-pulse subtract pattern. Set to 1 to negate the math operation in the
matching position in a group of four pulses. The LSB maps to the first pulse.
0x010D, Bits[3:0]
REVERSE_INTEG_x
Four-pulse integration reverse pattern. Set to 1 to reverse the integrator positive
and negative pulse order in the matching position in a group of four pulses. The
LSB maps to the first pulse.
1
This is the Time Slot A register address. Add 0x020 for the identical register address for each subsequent time slot. For example, Register 0x010D is the location for
SUBTRACT_A. For Time Slot B, this register is at Address 0x012D, For Time Slot C, this register is at Address 0x014D. For Time Slot D, this register is at Address 0x016D,
and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com