Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD4100 Datasheet(PDF) 40 Page - Analog Devices

Part # ADPD4100
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADPD4100 Datasheet HTML 36Page - Analog Devices ADPD4100 Datasheet HTML 37Page - Analog Devices ADPD4100 Datasheet HTML 38Page - Analog Devices ADPD4100 Datasheet HTML 39Page - Analog Devices ADPD4100 Datasheet HTML 40Page - Analog Devices ADPD4100 Datasheet HTML 41Page - Analog Devices ADPD4100 Datasheet HTML 42Page - Analog Devices ADPD4100 Datasheet HTML 43Page - Analog Devices ADPD4100 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 40 of 101
DIGITAL INTEGRATION MODE
The ADPD4100/ADPD4101 support a digital integration mode
to accommodate sensors that require longer pulses than can be
supported in the typical analog integration modes. Digital
integration mode allows the system to use a larger LED duty
cycle than the analog integration modes, which may result in
the highest achievable levels of SNR, at the expense of lower
ambient light rejection.
TIA
RF
RF
TIA_VREF
INx
VCx
BUF
ADC
Figure 45. Signal Path for Digital Integration Mode
In digital integration mode, the BPF is bypassed and the
integrator is configured as a buffer, resulting in the signal path
shown in Figure 45. Digital integration regions are configured
by the user and separated into lit and dark regions. The LED is
pulsed in the lit region, and the LED is off in the dark region.
ADC samples are taken at 1 μs intervals within the lit and dark
regions and are then digitally integrated. The integration of the
ADC samples from the dark region is subtracted from the
integration of the ADC samples from the lit region and the
result is written into the relevant signal output data registers.
The sum of the samples from just the dark region are available
in the dark output data registers. Both signal and dark values
can be written to the FIFO.
The ADPD4100/ADPD4101 support one-region and two-
region digital integration modes. In one-region digital
integration mode, an equal number of dark and lit samples are
taken where all of the dark samples are taken in the dark region
just prior to the lit region. One-region digital integration mode
is illustrated in the timing diagram in Figure 46. In two-region
digital integration mode, an equal number of dark and lit
samples are taken. However, the dark region is split such that
half of the samples are taken in the dark region prior to the lit
region, and the other half is taken in the dark region following
the lit region. The two-region digital integration mode results in
higher ambient light rejection than the one-region digital
integration mode in situations with a varying ambient light
level. A timing diagram for two-region digital integration mode
is shown in Figure 47.
Table 24 shows the relevant register settings for the digital
integration modes of operation. Note that only a single channel
can be used in digital integration mode. Two channels are not
supported for digital integration mode of operation. The MIN_
PERIOD_x bits must also be manually set with the correct
period because the minimum period is not automatically
calculated in digital integration mode.
PRECONDITION
LED
START OF TIME SLOT
PRECONDITION
PRE_WIDTH_x
LED_OFFSET_x
DARK1_OFFSET_x
ADC
CONVERSIONS
LIT_OFFSET_x
LED_WIDTH_x
MIN_PERIOD_x (MUST BE SET,
NOT AUTOMATICALLY CALCULATED)
NUM_INT_x
NUM_REPEAT_x
NUM_INT_x
Figure 46. One-Region Digital Integration Mode Timing Diagram
PRECONDITION
LED
START OF TIME SLOT
PRECONDITION
PRE_WIDTH_x
LED_OFFSET_x
DARK1_OFFSET_x
ADC CONVERSIONS
LIT_OFFSET_x
DARK2_OFFSET_x
LED_WIDTH_x
MIN_PERIOD_x (MUST BE SET,
NOT AUTOMATICALLY CALCULATED)
NUM_INT_x
2 × NUM_INT_x
NUM_REPEAT_x
Figure 47. Two-Region Digital Integration Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com