Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD4100BCBZR7 Datasheet(PDF) 96 Page - Analog Devices

Part # ADPD4100BCBZR7
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100BCBZR7 Datasheet(HTML) 96 Page - Analog Devices

Back Button ADPD4100BCBZR7 Datasheet HTML 92Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 93Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 94Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 95Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 96Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 97Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 98Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 99Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 96 of 101
LED CONTROL AND TIMING REGISTERS
Table 38. LED Control and Timing Register Details
Addr
Name
Bits
Bit Name
Description
Reset Access
0x0105 LED_POW12_A 15
LED_DRIVESIDE2_x LED output select for LED2x.
0x0
R/W
0x0125 LED_POW12_B
0: drive LED on Output LED2A.
0x0145 LED_POW12_C
1: drive LED on Output LED2B.
0x0165 LED_POW12_D [14:8] LED_CURRENT2_x
LED current setting for LED2A or LED2B output. Set to 0 to disable.
Output current varies monotonically from 1.5 mA to 200 mA for
values between 0x01 and 0x7F.
0x0
R/W
0x0185 LED_POW12_E
0x01A5 LED_POW12_F
0x01C5 LED_POW12_G 7
LED_DRIVESIDE1_x LED output select for LED1x.
0x0
R/W
0x01E5 LED_POW12_H
0: drive LED on Output LED1A.
0x0205 LED_POW12_I
1: drive LED on Output LED1B.
0x0225 LED_POW12_J [6:0]
LED_CURRENT1_x
LED current setting for LED1A or LED1B output. Set to 0 to disable.
Output current varies monotonically from 1.5 mA to 200 mA for
values between 0x01 and 0x7F.
0x0
R/W
0x0245 LED_POW12_K
0x0265 LED_POW12_L
0x0106 LED_POW34_A 15
LED_DRIVESIDE4_x LED output select for LED4x.
0x0
R/W
0x0126 LED_POW34_B
0: drive LED on Output LED4A.
0x0146 LED_POW34_C
1: drive LED on Output LED4B.
0x0166 LED_POW34_D [14:8] LED_CURRENT4_x
LED current setting for LED4A or LED4B output. Set to 0 to disable.
Output current varies monotonically from 1.5 mA to 200 mA for
values between 0x01 and 0x7F.
0x0
R/W
0x0186 LED_POW34_E
0x01A6 LED_POW34_F
0x01C6 LED_POW34_G 7
LED_DRIVESIDE3_x LED output select for LED3x.
0x0
R/W
0x01E6 LED_POW34_H
0: drive LED on Output LED3A.
0x0206 LED_POW34_I
1: drive LED on Output LED3B.
0x0226 LED_POW34_J [6:0]
LED_CURRENT3_x
LED current setting for LED3A or LED3B output. Set to 0 to disable.
Output current varies monotonically from 1.5 mA to 200 mA for
values between 0x01 and 0x7F.
0x0
R/W
0x0246 LED_POW34_K
0x0266 LED_POW34_L
0x0109 LED_PULSE_A
[15:8] LED_WIDTH_x
LED pulse width in μs. 0 = disable.
0x2
R/W
0x0129 LED_PULSE_B
[7:0]
LED_OFFSET_x
LED pulse offset in μs. Set to a minimum of 16 μs (0x10). Must be >0.
0x10 R/W
0x0149 LED_PULSE_C
0x0169 LED_PULSE_D
0x0189 LED_PULSE_E
0x01A9 LED_PULSE_F
0x01C9 LED_PULSE_G
0x01E9 LED_PULSE_H
0x0209 LED_PULSE_I
0x0229 LED_PULSE_J
0x0249 LED_PULSE_K
0x0269 LED_PULSE_L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com