Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD4100BCBZR7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADPD4100BCBZR7
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4100BCBZR7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADPD4100BCBZR7 Datasheet HTML 13Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 14Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 15Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 16Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 17Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 18Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 19Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 20Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 101 page
background image
Data Sheet
ADPD4100/ADPD4101
Rev. 0 | Page 17 of 101
Either side of each LED driver output pair, but not both, can be
driven in any of the 12 available time slots. Up to four LED
driver outputs can be enabled in any time slot using the LED_
DRIVESIDE1_x, LED_DRIVESIDE2_x, LED_DRIVESIDE3_x,
and LED_DRIVESIDE4_x bits. The current is set on a per
driver, per time slot basis using the LED_CURRENT1_x, LED_
CURRENT2_x, LED_CURRENT3_x, and LED_CURRENT4_x
bits. Each driver can be programmed from 1.5 mA to 200 mA
with a monotonic 7-bit setting, as shown in Figure 20. Each
setting from 1 to 127 increases the LED drive current by ~1.5 mA.
Setting LED_CURRENTx_x = 0 disables that particular driver.
Although each driver can be programmed to 200 mA and up to
four LED drivers can be enabled in any time slot, there is a
limitation of a total of 400 mA of combined LED driver current
that can be provided in any time slot. It is up to the user to
program the LED drivers such that this 400 mA limit is not
exceeded. If the 400 mA limit is exceeded by the user settings,
priority is given, in the following order, to LED1x, LED2x,
LED3x, and LED4x. For example, if the user settings have
LED1A set to 150 mA, LED2B set to 150 mA, and LED3A set to
150 mA in a single time slot, LED1A and LED2B both provide
150 mA. However, LED3A is limited to 100 mA to maintain the
400 mA total LED drive current limit for the device.
250
200
150
100
50
0
0
112
96
80
64
48
32
16
LED_CURRENTx_x SETTING
Figure 20. LED Driver Current vs. LED_CURRENTx_x Setting
LED Driver Protection from High Inductance
If the total inductance in the path between the LED and the
ADPD4100/ADPD4101 LED driver pin (LEDxA or LEDxB)
and in the path between the LED and the LED supply voltage
(VLEDx) is significant due to the use of long wires and multiple
connectors, connect a reverse biased protection diode to a
suitable high supply voltage such as VLEDx at the LED driver pin
used. That is, connect a reverse biased protection diode
between the LED driver pin used and VLEDx.
LED Driver Protection from LED Driver Pin Overvoltage
In typical designs, no external components are needed on the
LED driver. However, in some cases where the LED driver pin
voltage has the possibility to be pulled above 3.6 V, an external
NPN bipolar junction transistor (BJT) type transistor can be
connected to the LED driver pin, as shown in Figure 21. This
additional transistor serves as a protection of the LED driver
pin from exceeding the maximum allowable LEDxx pin voltage
of 3.6 V.
Protecting the LED driver pins from overvoltage is required
when (VLEDx − LED turn on voltage) > 3.6 V, or when the
voltage source has a shunt resistance of less than 10 MΩ and the
supply voltage is above 3.6 V. For example, VLEDx of 6 V can be
used without pulling the LED driver pins up past 3.6 V for low
leakage LEDs such as some green and blue LEDs. Typically,
when VLEDx < 6 V, the protection transistor is not necessary.
LEDxx
VLED1
VBASE
CVLED
NOTES
1. CVLED IS THE BYPASS CAPACITOR.
2. VBASE IS THE BASE VOLTAGE.
Figure 21. LED Driver Overvoltage Protection Circuit
The NPN BJT selection must follow these guidelines:
•
The current capacity must match the maximum LED
driver current on the LED. The maximum LED driver
current is 200 mA for one LED driver and 400 mA for
multiple LED drivers connected to the same LED.
•
The voltage rating of the transistor must exceed the supply
being used on the load.
•
The base emitter voltage must be ≤0.9 V at the maximum
LED driver current on the LED.
•
Lower collector emitter voltages at the maximum LED
driver current on the LED provide more operating room
for the load being driven.
DETERMINING CVLED
To determine the bypass capacitor (CVLED) value, determine the
maximum forward-biased voltage, VFB_LED_MAX, of the LED in
operation. The maximum LED current, ILED_MAX, converts to
VFB_LED_MAX as shown in Figure 22. In this example, 125 mA of
current through two green LEDs in parallel yields VFB_LED_MAX =
3.5 V. Any series resistance in the LED path must also be
included in this voltage. When designing the LED path, keep in
mind that small resistances can add up to large voltage drops
due to the LED peak current being large. In addition, these
resistances can be unnecessary constraints on the VLEDx supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com