Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD3138064RMHT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138064RMHT
Description  UCD3138064 Highly Integrated Digital Controller for Isolated Power With 64-kB Program Flash Memory
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138064RMHT Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCD3138064RMHT Datasheet HTML 2Page - Texas Instruments UCD3138064RMHT Datasheet HTML 3Page - Texas Instruments UCD3138064RMHT Datasheet HTML 4Page - Texas Instruments UCD3138064RMHT Datasheet HTML 5Page - Texas Instruments UCD3138064RMHT Datasheet HTML 6Page - Texas Instruments UCD3138064RMHT Datasheet HTML 7Page - Texas Instruments UCD3138064RMHT Datasheet HTML 8Page - Texas Instruments UCD3138064RMHT Datasheet HTML 9Page - Texas Instruments UCD3138064RMHT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 104 page
background image
6 Device Options
6.1 Device Comparison Table
FEATURE
UCD3138
RHA/RMH/RJA
UCD3138064
RMH/RJA
UCD3138
RGC
UCD3138064
RGC
UCD3138128
PFC
UCD3138A64
PFC
Package Offering
40 Pin QFN
(6 mm x 6 mm)
40 Pin QFN
(6 mm x 6 mm)
64 Pin QFN
(9 mm x 9 mm)
64 Pin QFN
(9 mm x 9 mm)
80 Pin QFP
(14 mm x 14
mm)
(Includes leads)
80 Pin QFP
(14 mm x 14
mm)
(Includes leads)
ARM7TDMI-S Core Processor
31.25 MHz
31.25 MHz
31.25 MHz
31.25 MHz
31.25 MHz
31.25 MHz
High Resolution DPWM Outputs
(250ps Resolution)
8
8
8
8
8
8
Number of High Speed
Independent Feedback Loops (#
Regulated Output Voltages
3
3
3
3
3
3
12-bit, 256kps, General Purpose
ADC Channels
7
7
14
14
15
15
Digital Comparators at ADC
Outputs
4
4
4
4
4
4
Flash Memory (Program)
32 kB
64 kB
32 kB
64 kB
128 kB
64 kB
Number of Memory 32kB Flash
Memory Banks
1
2
1
2
4
Only 1 bank of
64 kB Flash
available
Flash Memory (Data)
2 kB
2 kB
2 kB
2 kB
2 kB
2 kB
RAM
4 kB
4 kB
4 kB
4 kB
8 kB
8 kB
Programmable Fault Inputs
1 + 2(1)
1 + 2(1)
4
2 + 2(1)
4
4
High Speed Analog Comparators
with Cycle-by-Cycle Current
Limiting
6
6
7
7
7
7
UART (SCI)
1(1)
1(1)
2
2
2
2
PMBus/I2C
1
1
1
1
1
1
Additional I2C
0
0
0
1(1)
1
1
SPI
0
0
0
1(1)
1
1
Timers
4 (16 bit) and
1 (24 bit)
4 (16 bit) and
1 (24 bit)
4 (16 bit) and
1 (24 bit)
4 (16 bit) and
1 (24 bit)
4 (16 bit) and
2 (24 bit)
4 (16 bit) and
2 (24 bit)
Timer PWM Outputs
1(1)
1(1)
2
2
4
4
Timer Capture Inputs
2(1)
2(1)
1 + 3(1)
1 + 3(1)
2 + 2(1)
2 + 2(1)
Total Digital GPIOs
18
18
30
30
43
43
External Interrupts
0
0
1
1
1
1
Peak Current Mode Control
EADC2 Only
All EADC
channels
EADC2 Only
All EADC
channels
All EADC
Channels
All EADC
Channels
(1)
Represents an alternate pin out that is programmable via firmware.
6.2 Product Selection Matrix
FEATURE
UCD3138064 64 PIN
UCD3138064 40 PIN
ARM7TDMI-S Core Processor
31.25 MHz
31.25 MHz
High Resolution DPWM Outputs (250ps Resolution)
8
8
Number of High Speed Independent Feedback Loops (#
Regulated Output Voltages)
3
3
12-bit, 267 ksps, General Purpose ADC Channels
14
7
Digital Comparators at ADC Outputs
4
4
Flash Memory (Program)
64 kB
32 KB
UCD3138064
SLUSB72D – MARCH 2013 – REVISED APRIL 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD3138064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com