Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD3138064RMHT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138064RMHT
Description  UCD3138064 Highly Integrated Digital Controller for Isolated Power With 64-kB Program Flash Memory
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138064RMHT Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCD3138064RMHT Datasheet HTML 3Page - Texas Instruments UCD3138064RMHT Datasheet HTML 4Page - Texas Instruments UCD3138064RMHT Datasheet HTML 5Page - Texas Instruments UCD3138064RMHT Datasheet HTML 6Page - Texas Instruments UCD3138064RMHT Datasheet HTML 7Page - Texas Instruments UCD3138064RMHT Datasheet HTML 8Page - Texas Instruments UCD3138064RMHT Datasheet HTML 9Page - Texas Instruments UCD3138064RMHT Datasheet HTML 10Page - Texas Instruments UCD3138064RMHT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 104 page
background image
FEATURE
UCD3138064 64 PIN
UCD3138064 40 PIN
Flash Memory (Data)
2 kB
2 KB
Flash Security
√
√
RAM
4 kB
4 KB
DPWM Switching Frequency
up to 2 MHz
up to 2 MHz
Programmable Fault Inputs
2 + 2(1)
1 + 2(1)
High Speed Analog Comparators with Cycle-by-Cycle
Current Limiting
7(2)
6
UART (SCI)
2
1(1)
PMBus
1
√
I2C
1(1)
0
SPI
1(1)
0
Timers
4 (16 bit) and 1 (24 bit)
4 (16 bit) and 1 (24 bit)
Timer PWM Outputs
2
1
Timer Capture Inputs
1
1(1)
Watchdog
√
√
On Chip Oscillator
√
√
Power-On Reset and Brown-Out Reset
√
√
Sync IN and Sync OUT Functions
√
√
Total GPIO (includes all pins with multiplexed functions
such as, DPWM, Fault Inputs, SCI, etc.)
30
18
External Interrupts
1
0
Package Offering
64 Pin QFN (9.00 mm x
9.00 mm)
40 Pin QFN (6.00 mm x
6.00mm)
(1)
This number represents an alternate pin out that is programmable via firmware. See the UCD3138064 Enhancements Programmer’s
Manual for details.
(2)
To facilitate simple OVP and UVP connections both comparators B and C are connected to the AD03 pin.
www.ti.com
UCD3138064
SLUSB72D – MARCH 2013 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: UCD3138064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com