Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGS1209 Datasheet(PDF) 4 Page - Analog Devices

Part # ADGS1209
Description  SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1209 Datasheet(HTML) 4 Page - Analog Devices

  ADGS1209 Datasheet HTML 1Page - Analog Devices ADGS1209 Datasheet HTML 2Page - Analog Devices ADGS1209 Datasheet HTML 3Page - Analog Devices ADGS1209 Datasheet HTML 4Page - Analog Devices ADGS1209 Datasheet HTML 5Page - Analog Devices ADGS1209 Datasheet HTML 6Page - Analog Devices ADGS1209 Datasheet HTML 7Page - Analog Devices ADGS1209 Datasheet HTML 8Page - Analog Devices ADGS1209 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
ADGS1208/ADGS1209
Data Sheet
Rev. 0 | Page 4 of 33
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
DIGITAL INPUTS/OUTPUTS
Input Voltage
High, VINH
2
V min
3.3 V < VL ≤ 5.5 V
1.35
V min
2.7 V ≤ VL ≤ 3.3 V
Low, VINL
0.8
V max
3.3 V < VL ≤ 5.5 V
0.8
V max
2.7 V ≤ VL ≤ 3.3 V
Input Current, IINL or IINH
0.001
µA typ
Input voltage (VIN) = VGND or VL
±0.1
µA max
Digital Input Capacitance, CIN
4
pF typ
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANSITION
90
ns typ
RL = 300 Ω, CL = 35 pF
145
170
195
ns max
VS = 10 V, see Figure 41
tON (EN)
92
ns typ
RL = 300 Ω, CL = 35 pF
110
140
155
ns max
VS = 10 V, see Figure 42
tOFF (EN)
120
ns typ
RL = 300 Ω, CL = 35 pF
135
170
190
ns max
VS = 10 V, see Figure 42
Break-Before-Make Time Delay, tD
32
ns typ
RL = 300 Ω, CL = 35 pF
7
ns min
VS1 = VS2 = 10 V, see Figure 40
Charge Injection, QINJ
0.4
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF,
see Figure 43
Off Isolation
−85
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 34
Channel to Channel Crosstalk
−85
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 33
Total Harmonic Distortion Plus
Noise
0.15
% typ
RL = 110 Ω, 15 V p-p, f = 20 Hz to
20 kHz, see Figure 38
−3 dB Bandwidth
RL = 50 Ω, CL = 5 pF, see Figure 37
ADGS1208
550
MHz typ
ADGS1209
630
MHz typ
Insertion Loss
−6
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 37
CS (Off)
1
pF typ
VS = 0 V, f = 1 MHz
1.6
pF max
VS = 0 V, f = 1 MHz
CD (Off)
ADGS1208
5
pF typ
VS = 0 V, f = 1 MHz
5.5
pF max
VS = 0 V, f = 1 MHz
ADGS1209
2
pF typ
VS = 0 V, f = 1 MHz
3.5
pF max
VS = 0 V, f = 1 MHz
CD (On), CS (On)
ADGS1208
5
pF typ
VS = 0 V, f = 1 MHz
6.5
pF max
VS = 0 V, f = 1 MHz
ADGS1209
3
pF typ
VS = 0 V, f = 1 MHz
4.5
pF max
VS = 0 V, f = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com