Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5044 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5044
Description  100 MHz to 30 GHz, Silicon, SP4T Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5044 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5044 Datasheet HTML 1Page - Analog Devices ADRF5044 Datasheet HTML 2Page - Analog Devices ADRF5044 Datasheet HTML 3Page - Analog Devices ADRF5044 Datasheet HTML 4Page - Analog Devices ADRF5044 Datasheet HTML 5Page - Analog Devices ADRF5044 Datasheet HTML 6Page - Analog Devices ADRF5044 Datasheet HTML 7Page - Analog Devices ADRF5044 Datasheet HTML 8Page - Analog Devices ADRF5044 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
100 MHz to 30 GHz,
Silicon, SP4T Switch
Data Sheet
ADRF5044
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017–2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultrawideband frequency range: 100 MHz to 30 GHz
Nonreflective 50 Ω design
Low insertion loss: 2.6 dB at 20 GHz to 30 GHz
High isolation: 43 dB at 20 GHz to 30 GHz
High input linearity
P1dB: 28 dBm typical
IP3: 50 dBm typical
High power handling
24 dBm through path
24 dBm terminated path
No low frequency spurious
0.1 dB settling time (50% VCTL to 0.1 dB of final RF output): 37 ns
24-terminal LGA package
APPLICATIONS
Test instrumentation
Microwave radios and very small aperture terminals (VSATs)
Military radios, radars, and electronic counter measures (ECMs)
Broadband telecommunications systems
FUNCTIONAL BLOCK DIAGRAM
GND
GND
RFC
GND
GND
GND
V2
V1
VDD
GND
50Ω
VSS
GND
1
2
3
4
5
6
7
8
9
101112
13
14
15
16
17
18
19
20
21
22
23
24
50Ω
50Ω
50Ω
ADRF5044
Figure 1.
GENERAL DESCRIPTION
The ADRF5044 is a general-purpose, single-pole, four-throw
(SP4T) switch manufactured using a silicon process. It comes
in a 24-terminal land grid array (LGA) package and provides
high isolation and low insertion loss from 100 MHz to 30 GHz.
This broadband switch requires dual-supply voltages, +3.3 V and
−3.3 V, and provides complementary metal-oxide semiconductor
(CMOS)/low voltage transistor-transistor logic (LVTTL) logic-
compatible control.


Similar Part No. - ADRF5044

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5040 AD-ADRF5040 Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5040-EVALZ AD-ADRF5040-EVALZ Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5040BCPZ AD-ADRF5040BCPZ Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5040BCPZ-R7 AD-ADRF5040BCPZ-R7 Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
More results

Similar Description - ADRF5044

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC7992 AD-HMC7992 Datasheet
339Kb / 13P
Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
REV. 0
logo
Peregrine Semiconductor
PE42641MLBC-Z PSEMI-PE42641MLBC-Z Datasheet
232Kb / 8P
SP4T UltraCMOS짰 RF Switch 100 MHz ??3.0 GHz
logo
Analog Devices
ADRF5046 AD-ADRF5046 Datasheet
474Kb / 15P
Silicon SP4T Switch, Reflective, 100 MHz to 44 GHz
4/2019-Revision 0
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5045 AD-ADRF5045 Datasheet
372Kb / 14P
9 kHz to 30 GHz, Silicon, SP4T Switch
3/2020-Rev. 0 to Rev. A
HMC241ALP3E AD-HMC241ALP3E Datasheet
223Kb / 11P
GaAs, Nonreflective, SP4T Switch 100 MHz to 4 GHz
8/2018-Rev. B to Rev. C
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
ADRF5347 AD-ADRF5347 Datasheet
1Mb / 15P
High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
Rev. 0
ADRF5054 AD-ADRF5054 Datasheet
1Mb / 13P
1 GHz to 60 GHz, Reflective, Silicon SP4T Switch
Rev. 0
ADRF5048 AD-ADRF5048 Datasheet
1Mb / 13P
Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com