Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5044 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5044
Description  100 MHz to 30 GHz, Silicon, SP4T Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5044 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5044 Datasheet HTML 1Page - Analog Devices ADRF5044 Datasheet HTML 2Page - Analog Devices ADRF5044 Datasheet HTML 3Page - Analog Devices ADRF5044 Datasheet HTML 4Page - Analog Devices ADRF5044 Datasheet HTML 5Page - Analog Devices ADRF5044 Datasheet HTML 6Page - Analog Devices ADRF5044 Datasheet HTML 7Page - Analog Devices ADRF5044 Datasheet HTML 8Page - Analog Devices ADRF5044 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet
ADRF5044
Rev. A | Page 3 of 14
SPECIFICATIONS
VDD = 3.3 V, VSS = −3.3 V, V1 = 0 V or 3.3 V, V2 = 0 V or 3.3 V, and TCASE = 25°C, 50 Ω system, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
100
30,000
MHz
INSERTION LOSS
Between RFC and RF1 to RF4 (On) (Worst Case)
100 MHz to 10 GHz
1.7
dB
10 GHz to 20 GHz
2.1
dB
20 GHz to 30 GHz
2.6
dB
ISOLATION
Between RFC and RF1 to RF4 (Off) (Worst Case)
100 MHz to 10 GHz
55
dB
10 GHz to 20 GHz
52
dB
20 GHz to 30 GHz
43
dB
RETURN LOSS
RFC and RF1 to RF4 (On)
100 MHz to 10 GHz
16
dB
10 GHz to 20 GHz
22
dB
20 GHz to 30 GHz
22
dB
RF1 to RF4 (Off)
100 MHz to 10 GHz
24
dB
10 GHz to 20 GHz
24
dB
20 GHz to 30 GHz
16
dB
SWITCHING TIME
Rise and Fall
tRISE, tFALL
10% to 90% of radio frequency (RF) output
4
ns
On and Off
tON, tOFF
50% VCTL to 90% of RF output
19
ns
Settling
0.1 dB
50% VCTL to 0.1 dB of final RF output
37
ns
0.05 dB
50% VCTL to 0.05 dB of final RF output
50
ns
INPUT LINEARITY
Power Compression
0.1 dB
P0.1dB
26
dBm
1 dB
P1dB
28
dBm
Third-Order Intercept
IP3
Two-tone input power = 14 dBm each tone,
Δf = 1 MHz
50
dBm
SUPPLY CURRENT
VDD, VSS pins
Positive
IDD
Typical at VCTL = 0 V or 3.3 V, maximum at
VCTL = 0.8 V or 1.4 V
12
20
μA
Negative
ISS
Typical at VCTL = 0 V or 3.3 V, maximum at
VCTL = 0.8 V or 1.4 V
110
130
μA
DIGITAL CONTROL INPUTS
V1, V2 pins
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.3
V
Current
Low and High
IINL, IINH
<1
μA
RECOMMENDED OPERATING CONDITONS
Supply Voltage
Positive
VDD
3.15
3.45
V
Negative
VSS
−3.45
−3.15
V
Digital Control Voltage
VCTL
0
VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com