Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS722 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS722
Description  LOW COST 27 MHZ 3.3 VOLT VCXO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS722 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS722 Datasheet HTML 1Page - Integrated Circuit Systems ICS722 Datasheet HTML 2Page - Integrated Circuit Systems ICS722 Datasheet HTML 3Page - Integrated Circuit Systems ICS722 Datasheet HTML 4Page - Integrated Circuit Systems ICS722 Datasheet HTML 5Page - Integrated Circuit Systems ICS722 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LOW COST 27 MHZ 3.3 VOLT VCXO
MDS 722 A
2
Revision 121404
In te gr ated Circuit Systems 525 Ra ce Street, San Jose, CA 9512 6 tel (4 08) 297-1 201 www.icst.com
ICS722
Pin Assignment
Pin Descriptions
X1
VDD
VI N
DC
GND
REFOUT
DC
X2
1
2
3
4
8
7
6
5
IC S 7 2 2
8- P i n ( 1 50 m i l ) S O I C
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
XI
Input
Crystal connection. Connect to the external pullable crystal.
2
VDD
Power
Connect to +3.3 V (0.01
µf decoupling capacitor recommended).
3
VIN
Input
Voltage input to VCXO. Zero to 3.3 V signal which controls the
VCXO frequency.
4
GND
Power
Connect to ground.
5
REFOUT
Output
VCXO CMOS level clock output matches the nominal frequency of
the crystal.
6
DC
Do not connect anything to this pin.
7
DC
Do not connect anything to this pin.
8
X2
Input
Crystal connection. Connect to a external pullable crystal.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com