Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS722 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS722
Description  LOW COST 27 MHZ 3.3 VOLT VCXO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS722 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS722 Datasheet HTML 1Page - Integrated Circuit Systems ICS722 Datasheet HTML 2Page - Integrated Circuit Systems ICS722 Datasheet HTML 3Page - Integrated Circuit Systems ICS722 Datasheet HTML 4Page - Integrated Circuit Systems ICS722 Datasheet HTML 5Page - Integrated Circuit Systems ICS722 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MDS 722 A
1
Revision 121404
Integrat ed Circuit Systems 525 Race Stre et, San Jo se, CA 9 5126 te l (40 8 ) 2 97-12 01 www.ics t.co m
LOW COST 27 MHZ 3.3 VOLT VCXO
ICS722
Description
The ICS722 is a low cost, low-jitter, high-performance
3.3 volt VCXO designed to replace expensive discrete
VCXOs modules. The on-chip Voltage Controlled
Crystal Oscillator accepts a 0 to 3.3 V input voltage to
cause the output clocks to vary by over ±100 ppm.
Using ICS’ patented VCXO techniques, the device
uses an inexpensive external pullable crystal in the
range of 16.2 to 28 MHz to produce a VCXO output
clock at that same frequency.
The frequency of the on-chip VCXO is adjusted by an
external control voltage input into pin VIN. Because
VIN is a high-impedance input, it can be driven directly
from an PWM RC integrator circuit. Frequency output
increases with VIN voltage input. The usable range of
VIN is 0 to 3.3 V.
ICS manufactures the largest variety of Set-Top Box
and multimedia clock synthesizers for all applications.
Consult ICS to eliminate VCXOs, crystals, and
oscillators from your board.
Features
Packaged in 8-pin SOIC
Operational frequency range of 16.2 MHz to 28 MHz
Uses an inexpensive external crystal
On-chip patented VCXO with pull range of 230 ppm
(minimum)
VCXO tuning voltage of 0 to 3.3 V
Operating voltage of 3.3 V
12 mA output drive capability at TTL levels
Advanced, low-power, sub-micron CMOS process
Block Diagram
X1
X2
Voltage
Controlled
Crystal
Oscillator
VIN
16.2-28MHz
Pullable
Crystal
16.2-28MHz Clock
(REFOUT)
GND
VDD


Similar Part No. - ICS722

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS726 ICST-ICS726 Datasheet
118Kb / 6P
12 TO 36 MHZ SOT-23 VCXO
logo
Integrated Device Techn...
ICS726A IDT-ICS726A Datasheet
173Kb / 7P
12 TO 36 MHZ 6TSOT VCXO
ICS726A IDT-ICS726A Datasheet
168Kb / 7P
12 TO 36 MHZ 6TSOT VCXO
ICS726A IDT-ICS726A Datasheet
101Kb / 7P
12 TO 36 MHZ 6TSOT VCXO
ICS726A IDT-ICS726A_10 Datasheet
168Kb / 7P
12 TO 36 MHZ 6TSOT VCXO
More results

Similar Description - ICS722

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3713 ICST-MK3713 Datasheet
56Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 020900
MK3720 ICST-MK3720 Datasheet
57Kb / 4P
27 MHz and 54 MHz 3.3 Volt VCXO
Revision 053100
MK3721 ICST-MK3721 Datasheet
58Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
MK3723 ICST-MK3723 Datasheet
59Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
MK3727 ICST-MK3727 Datasheet
79Kb / 6P
LOW COST 24 - 36 MHZ 3.3 VOLT VCXO
Revision 052901
MK3754 ICST-MK3754 Datasheet
59Kb / 4P
Low Cost 54 MHz 3.3 Volt VCXO
Revision 060100
ICS728 ICST-ICS728 Datasheet
136Kb / 8P
LOW COST 27 MHZ 3.3 VOLT VCXO
Revision 012505
MK3715 ICST-MK3715 Datasheet
120Kb / 6P
LOW COST 3.3 VOLT VCXO
Revision 021804
logo
Renesas Technology Corp
MK3720 RENESAS-MK3720 Datasheet
305Kb / 7P
27 MHZ AND 54 MHZ 3.3 VOLT VCXO
061705
MK3754 RENESAS-MK3754 Datasheet
323Kb / 8P
LOW COST 54 MHZ 3.3 VOLT VCXO
072805
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com