Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17843 Datasheet(PDF) 65 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 65 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 61Page - Maxim Integrated Products MAX17843 Datasheet HTML 62Page - Maxim Integrated Products MAX17843 Datasheet HTML 63Page - Maxim Integrated Products MAX17843 Datasheet HTML 64Page - Maxim Integrated Products MAX17843 Datasheet HTML 65Page - Maxim Integrated Products MAX17843 Datasheet HTML 66Page - Maxim Integrated Products MAX17843 Datasheet HTML 67Page - Maxim Integrated Products MAX17843 Datasheet HTML 68Page - Maxim Integrated Products MAX17843 Datasheet HTML 69Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 131 page
background image
Note: Pin faults such as an open pin or adjacent pins shorted to each other must be detectable. Pin faults do not result in device
damage, but have a specific device response such as a communication error, or are detectable through a built-in diagnostic.
Analyzing the effect of pin faults is referred to as a pin FMEA. Contact Maxim Applications to obtain pin FMEA results.
Table 34. Summary of Built-In Diagnostics (continued)
PROCEDURAL DIAGNOSTICS
FAULT
DIAGNOSTIC PROCEDURE
OUTPUT
SHDNL stuck high
Idle mode
ALRTSHDNL
HVMUX switch open
Acquisition with HVMUX test sources
ALRTOV, ALRTUV
HVMUX switch short
ALTREF diagnostic
DIAG[15:0]
HVMUX test sources
Acquisition with HVMUX test sources
CELLn
Cn pin open
Acquisition with cell-test sources
ALRTOV, ALRTUV
Cn short to SWn
Acquisition with balancing switches
CELLn
Cn pin leakage
ALTMUX vs. HVMUX acquisition
CELLn
Voltage comparator fault
ALTMUX acquisition with balancing switches
CELLn
Voltage comparator fault
ALTMUX acquisition with balancing switches
CELLn
ALRTHVUV comparator
Acquisition with HV charge pump disabled
ALRTHVUV
HVMUX sequencer
Acquisition with cell-test sources
CELLn
ALU Data Path
Acquisition with ADCTEST = 1
CELLn, VBLKP, DIAG, and AUXINn
AUXINn Pin Open
Acquisition with AUXIN test sources
AUXINn
Calibration corruption
Read CALx, IDx, perform CRC
ID2
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com