Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17843 Datasheet(PDF) 53 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 53 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 49Page - Maxim Integrated Products MAX17843 Datasheet HTML 50Page - Maxim Integrated Products MAX17843 Datasheet HTML 51Page - Maxim Integrated Products MAX17843 Datasheet HTML 52Page - Maxim Integrated Products MAX17843 Datasheet HTML 53Page - Maxim Integrated Products MAX17843 Datasheet HTML 54Page - Maxim Integrated Products MAX17843 Datasheet HTML 55Page - Maxim Integrated Products MAX17843 Datasheet HTML 56Page - Maxim Integrated Products MAX17843 Datasheet HTML 57Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 131 page
background image
UART Loopback
For the last device in the stack, the data must be looped
back from the upper transmitter to the upper receiver. This
is known as loopback and can be configured externally
(default) or internally.
External Loopback Mode
External loopback mode (default) uses a two-wire cable to
connect the upper transmitter (TXU) to the upper receiver
(RXU). The external loopback has two advantages:
1) It is quicker to determine device count for applica-
tions where the host does not assume what the
device count is.
2) It helps to match the supply current of the last device
to that of the other daisy-chain devices (because the
hardware configuration is identical).
Internal Loopback Mode
Internal-loopback mode (LASTLOOP = 1) routes the
upper-port transmit data internally to the upper-port receiv-
er. Any signal present on the upper-port receiver input
pins is ignored in the internal loopback mode; therefore,
when LASTLOOP is set, the write command that was
forwarded to any upstack devices is interrupted in the
downstack direction. The host should expect this and read
the LASTLOOP bit to verify that the write was successful. If
the MAX17841B interface is used, its receive buffer should
be cleared before changing LASTLOOP, and cleared again
after changing the loopback configuration because the
communication was interrupted.
Internal-loopback mode is useful to diagnose the location
of a daisy-chain signal break by enabling the internal-loop-
back mode on the first device, checking communication,
then moving the loopback mode to the next device, and
continuing up the stack until communication is lost.
Baud Rate Detection
The UART can operate at a baud rate of 2Mb/s (default),
1Mb/s, or 0.5Mb/s. The baud rate is controlled by the host
and is automatically detected by the device when the first
preamble character is received after reset. If the host
changes the baud rate after reset, it must issue another
reset, which can be done by setting the SPOR bit, and
resend a minimum of 2 x n preambles (where n is the
number of devices). The 2 x n preambles are necessary
since the transmitter for the upper port will not transmit
data until the lower-port receiver has detected the baud
rate; likewise, the transmitter on the lower port will not
transmit data until the upper-port receiver has detected
the baud rate. A simple way to do this is for the host to
start transmitting preambles and stop when a preamble
has been received back at the host RX port.
TX Adaptive Mode for Single-Ended Mode
To overcome the error tolerance limitation when connect-
ing a MAX17843 to a conventional UART port, an adaptive
transmit-timing feature has been added. The feature works
by monitoring the location of the incoming Manchester
transitions at the RXL port, with respect to the local clock,
to calculate a correction factor. This correction factor is
then applied to the TXL port so the outgoing downstack
signal has similar timing characteristics to the incoming
upstack signal. With this adaptive transmit timing, the
interface between a conventional UART node and a Maxim
proprietary battery-monitoring system node has a tolerance
for baud-rate mismatch that is much higher than that of
the conventional receiver port alone giving a high level of
timing margin for direct connection applications. TX adap-
tive mode should be enabled only on the bottom device
(device connected to BMS micro or Maxim SPI-to-UART
bridge IC).
Battery-Management UART Protocol
The battery-management UART protocol uses the follow-
ing features to maximize the integrity of the communica-
tions:
● All transmitted data bytes are Manchester-encoded,
where each data bit is transmitted twice with the 2nd
bit inverted (G.E. Thomas convention).
● Every transmitted character contains 12 bits that
include a start bit, a parity bit, and two stop bits.
● Read/write packets contain a CRC-8 packet error
checking (PEC) byte
● Each packet is framed by a preamble character and
STOP character.
● Read packets contain a data-check byte for verifying
the integrity of the transmission.
The protocol is also designed to minimize power-
”consumption by allowing slave devices to shut down if
the UART is idle for a specified period of time. The host
must periodically transmit data to prevent shutdown,
unless the SHDNL input is driven externally.
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com