Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9375BBCZ Datasheet(PDF) 59 Page - Analog Devices

Part # AD9375BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9375BBCZ Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9375BBCZ Datasheet HTML 53Page - Analog Devices AD9375BBCZ Datasheet HTML 54Page - Analog Devices AD9375BBCZ Datasheet HTML 55Page - Analog Devices AD9375BBCZ Datasheet HTML 56Page - Analog Devices AD9375BBCZ Datasheet HTML 57Page - Analog Devices AD9375BBCZ Datasheet HTML 58Page - Analog Devices AD9375BBCZ Datasheet HTML 59Page - Analog Devices AD9375BBCZ Datasheet HTML 60Page - Analog Devices AD9375BBCZ Datasheet HTML 61Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 59 / 61 page
background image
Data Sheet
AD9375
Rev. 0 | Page 59 of 61
DIGITAL PREDISTORTION (DPD)
This device provides a fully integrated DPD function that
linearizes the output of the power amplifier (PA) of the transmit
system by altering the digital waveform to compensate for
nonlinearities in the PA response. Both the DPD actuator and
coefficient calculation engine are integrated. This functionality
uses the ORx channel to monitor the output of the PA and
calculates the appropriate predistortion to linearize the output.
The integrated DPD capability allows the system to drive the PA
closer to saturation, enabling a higher efficiency PA while
maintaining linearity. The DPD is optimized for small cell PAs
with rms output powers in the 250 mW to 10 W range and for a
maximum occupied signal bandwidth of 40 MHz. The
additional power consumed by the DPD block when enabled is
less than 100 mW.
Performance enhancement is shown in Figure 232 for a 20 MHz
LTE signal and in Figure 233 for a 40 MHz LTE output. In both
cases, a Band 7 Skyworks SKY66297 high efficiency PA is used
to demonstrate the adjacent channel level reduction (ACLR)
improvement for a particular device. Table 9 and Table 10 show
the details of ACLR improvement that are achieved for these two
scenarios when DPD is activated. Note that the magnitude of
improvement in ACLR is heavily PA dependent and generally
degrades as signal bandwidth increases.
20
–60
–50
–40
–30
–20
–10
0
10
2540
2560
2580
2600
2620
2640
2660
FREQUENCY (MHz)
DPD
NO DPD
Figure 232. Output Spectrum for Normal Operation (Red) and with DPD
Activated (Blue) for a 20 MHz LTE Signal
20
–60
–50
–40
–30
–20
–10
0
10
2500
2525
2550
2575
2600
2625
2650
2675
2700
FREQUENCY (MHz)
DPD
NO DPD
Figure 233. Output Spectrum for Normal Operation (Red) and with DPD
Activated (Blue) for a 40 MHz LTE Output
Table 9. ACLR Comparison With and Without DPD for a 20 MHz LTE Waveform
Mode1
20 MHz Offset (dBc)
40 MHz Offset (dBc)
60 MHz Offset (dBc)
Lower
Upper
Lower
Upper
Lower
Upper
Normal Operation
−32.15
−34.18
−51.71
−51.16
−59.29
−58.99
DPD Activated
−50.89
−51.90
−52.63
−56.57
−57.23
−59.49
1 Waveform is 10 ms (full-frame) LTE evolved universal terrestrial radio access (E-UTRA) Test Model 1.1 (E-TM 1.1) at 7.5 dB peak to average ratio (PAR), with crest factor
reduction (CFR), 28 dBm output, and 18.02 MHz occupied bandwidth.
Table 10. ACLR Comparison With and Without DPD for a 40 MHz LTE Waveform
Mode1
20 MHz Offset (dBc)
40 MHz Offset (dBc)
60 MHz Offset (dBc)
Lower
Upper
Lower
Upper
Lower
Upper
Normal Operation
−29.74
−33.69
−37.45
−41.65
−48.31
−47.95
DPD Activated
−47.42
−48.22
−49.84
−49.62
−52.06
−54.38
1 Waveform is 10 ms (full frame) LTE E-UTRA Test Model 1.1 (E-TM 1.1) at 7.5 dB PAR (with CFR), 27 dBm output, and 36.04 MHz occupied bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com