Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9375BBCZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9375BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9375BBCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9375BBCZ Datasheet HTML 4Page - Analog Devices AD9375BBCZ Datasheet HTML 5Page - Analog Devices AD9375BBCZ Datasheet HTML 6Page - Analog Devices AD9375BBCZ Datasheet HTML 7Page - Analog Devices AD9375BBCZ Datasheet HTML 8Page - Analog Devices AD9375BBCZ Datasheet HTML 9Page - Analog Devices AD9375BBCZ Datasheet HTML 10Page - Analog Devices AD9375BBCZ Datasheet HTML 11Page - Analog Devices AD9375BBCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
AD9375
Data Sheet
Rev. 0 | Page 8 of 61
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Input Second-Order Intercept
Point
IIP2
Maximum gain, IM2 1 MHz
offset from LO, gain control
limited to the first 20 steps
700 MHz LO
45
dBm
2600 MHz LO
45
dBm
3500 MHz LO
45
dBm
Image Rejection
After online tone calibration
700 MHz LO
75
dB
2600 MHz LO
75
dB
3500 MHz LO
75
dB
Input Impedance
400
Ω
Differential
Tx1 to SnRx Signal and Tx2 to
SnRx Signal Isolation
Applies to each SnRx input
700 MHz LO
60
dB
2600 MHz LO
60
dB
3500 MHz LO
60
dB
LO SYNTHESIZER
LO Frequency Step
2.3
Hz
1.5 GHz to 3 GHz, 76.8 MHz
phase frequency detector
(PFD) frequency
LO Spur
−80
dBc
Excludes integer boundary
spurs 1 kHz to 100 MHz
Spot Phase Noise
700 MHz LO
10 kHz
−104
dBc
100 kHz
−107
dBc
1 MHz
−133
dBc
2600 MHz LO
10 kHz
−93
dBc
100 kHz
−97
dBc
1 MHz
−123
dBc
3500 MHz LO
10 kHz
−91
dBc
100 kHz
−97
dBc
1 MHz
−123
dBc
5500 MHz LO
10 kHz
−98
dBc
100 kHz
−100
dBc
1 MHz
−110
dBc
Integrated Phase Noise
Integrated from 1 kHz to
100 MHz
700 MHz LO
0.20
°rms
2600 MHz LO
0.49
°rms
3500 MHz LO
0.55
°rms
5500 MHz LO
0.75
°rms
EXTERNAL LO INPUT
Input Frequency
f
EXTLO
600
8000
MHz
Input frequency must be 2×
the desired LO frequency
Input Signal Power
0
3
6
dBm
50 Ω matching at the source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com