Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6658BCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF6658BCPZ
Description  Wideband, Dual Rx Mixers with Integrated IF Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6658BCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF6658BCPZ Datasheet HTML 9Page - Analog Devices ADRF6658BCPZ Datasheet HTML 10Page - Analog Devices ADRF6658BCPZ Datasheet HTML 11Page - Analog Devices ADRF6658BCPZ Datasheet HTML 12Page - Analog Devices ADRF6658BCPZ Datasheet HTML 13Page - Analog Devices ADRF6658BCPZ Datasheet HTML 14Page - Analog Devices ADRF6658BCPZ Datasheet HTML 15Page - Analog Devices ADRF6658BCPZ Datasheet HTML 16Page - Analog Devices ADRF6658BCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Data Sheet
ADRF6658
Rev. A | Page 13 of 31
THEORY OF OPERATION
DUAL MIXER CORES
The ADRF6658 provides two double balanced active mixers
based on the Gilbert cell design. The RF inputs, LO inputs, and
IF outputs of the mixers are all differential, providing maximum
usable bandwidth at the input and output ports. The mixers are
designed for a 50 Ω input impedance and a 300 Ω output
impedance, with external RF chokes connected to the supply.
Mixer RF Inputs
At the RF input of each channel (MIXARFIN and MIXBRFIN) of
the ADRF6658, a tunable balun converts the single-ended input
signal into differential form, to be fed into the mixer section.
The tuning of the balun is controlled by the two sets of register
bits: RF balun input cutoff (CIN) in Register 13, Bits[DB12:DB10],
and RF balun output cutoff (COUT) in Register 13, Bits[DB9:DB7].
Mixers Bias Circuit
A band gap reference circuit generates the reference currents
used by mixers. The bias current for the LO circuit of the
mixers can be programmed via the mixer LO IBIAS bits in
Register 13, Bits[DB26:DB25].
RF Voltage to Current (V to I) Converter
The differential RF input signal, created in the internal balun
from the external, single-ended RF signal provided to the
MIXARFIN or MIXBRFIN pin, is applied to a V to I converter that
converts the differential input voltage to output currents. The
V to I converter provides a 50 Ω input impedance. The V to I
section bias current can be adjusted up or down using the mixer
V to I IBIAS bits in Register 13, Bits[DB24:DB22]. Adjusting the
current up improves IIP3 and P1dB input, but degrades the SSB
NF. Adjusting the current down improves the SSB NF but
degrades IIP3 and the input P1dB. The conversion gain remains
nearly constant over a wide range of mixer V to I IBIAS settings,
allowing the device to be adjusted dynamically without
affecting the conversion gain. A setting of 3 or 4 provides a
good trade-off of IP3 and SSB NF.
Mixer Power-Down
It is possible to power down either mixer by programming the
relevant bits. For Channel A, program the Mixer A enable bit
(Bit DB5 in Register 13). For Channel B, program the Mixer B
Enable bit (Bit DB4 in Register 13). The mixers can be powered
down independently.
Mixer Output
The mixer load uses a pair of 150 Ω resistors connected to the
positive supply. This provides a 300 Ω differential output resistance,
which matches the input impedance of the internal IF DGA
block. Pull the mixer outputs to the positive supply externally
using a pair of RF chokes, or by using an output transformer
with the center tap connected to the positive supply. The mixer
outputs are dc-coupled, and they can operate up to
approximately 500 MHz into a 300 Ω load.
DGA BASIC STRUCTURE
In each channel, the ADRF6658 has a built-in, variable gain
DGA. Each amplifier consists of a digitally controlled, passive
attenuator of a 300 Ω differential input impedance followed by a
highly linear transconductance amplifier with feedback. The
output impedance of the gain amplifier is 100 Ω, differentially.
The input impedance of the DGA block matches the output
impedance of the internal mixer.
The gain of each amplifier can be programmed independently,
either via the DGA control bits in the serial control registers, or
via an external, 6-bit parallel port. The choice of serial or
parallel control is determined by the DGA control select bit, Bit
DB22 in Register 7. Programming this bit to 0 allows the gain to
be set by programming Register 14 (Bits[DB17:DB12] for
Channel A, or Bits[DB11:DB6] for Channel B). When the DGA
Control Select bit is set to 1, the gain is set by the binary value
applied to the 6-bit, external parallel control interface (Pin A5
through Pin A0 for Channel A, or Pin B5 through Pin B0 for
Channel B).
Figure 23. Simplified Schematic
Input System
The dc voltage level at the inputs of each amplifier is set to
approximately 1.1 V by two independent internal voltage
reference circuits. These reference circuits are not accessible and
cannot be adjusted.
Power down each amplifier by setting Bit DB5 and Bit DB4.in
Register 14. When powered down, the total current of each
amplifier reduces to 10 μA (typical). The dc level at the inputs
remains at approximately 1.6 V, regardless of the state of
Bit DB5 and Bit DB4 in Register 14.
+22dB
100Ω
EXTERNAL
CONTROL
PARALLEL
PORT
LATCH
CONTROL
LATCH
DGA
CONTROL
SELECT
REGISTER 7
VIN+
VIN–
VOUT+
VOUT–
ATTENUATOR
0dB TO 31.5dB
+22dB
300Ω
MUX
INTERNAL
CONTROL
REGISTER 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com