Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6658BCPZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADRF6658BCPZ
Description  Wideband, Dual Rx Mixers with Integrated IF Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6658BCPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADRF6658BCPZ Datasheet HTML 21Page - Analog Devices ADRF6658BCPZ Datasheet HTML 22Page - Analog Devices ADRF6658BCPZ Datasheet HTML 23Page - Analog Devices ADRF6658BCPZ Datasheet HTML 24Page - Analog Devices ADRF6658BCPZ Datasheet HTML 25Page - Analog Devices ADRF6658BCPZ Datasheet HTML 26Page - Analog Devices ADRF6658BCPZ Datasheet HTML 27Page - Analog Devices ADRF6658BCPZ Datasheet HTML 28Page - Analog Devices ADRF6658BCPZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
Data Sheet
ADRF6658
Rev. A | Page 25 of 31
REGISTER 15
Control Bits
Program Register 15 by setting Bits[C4:C1] to 1111. This
register controls the built in DGA block.
Figure 42 shows the input data format for programming this
register.
DGAs—Low Power Mode
When set to 1, Bit DB16 enables the DGA low power mode.
When programmed to 0, both DGA blocks work in normal
mode.
In normal mode, the typical current used by each DGA block is
approximately 140 mA. In low power mode, this current
reduces to 23 mA.
Mixer Standby Mode
DB14 determines whether a mixer enters a low power mode or
completely shuts off when the channel is disabled using
Register 13, Bits DB4 and DB5. When DB14 is 0, the mixer is
powered down. When DB14 is 1, the mixer stays in a low power
mode. The band gap reference for the mixer bias circuit remains
on in either case.
Figure 42. Register 15 (R15)
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
1
0
0
CONTROL BITS
0
0
0
0
0
0
0
DLP
0
MSB
0
0
0
0
0
0
0
0
0
1
C3(1) C2(1) C1(1)
C4(1)
0
1
0
RESERVED
RESERVED
DLP
DIGITALLY CONTROLLED GAIN
0
DISABLED
1
ENABLED
AMPLIFIERS—LOW POWER MODE
MSM
MIXER STANDBY MODE
0
MIXER TURNED OFF WHEN CHANNE L ENABLE = 0
1
MIXER IN LOW POWER WHEN CHANNEL ENABLE = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com