Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9026 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 17Page - STMicroelectronics L9026 Datasheet HTML 18Page - STMicroelectronics L9026 Datasheet HTML 19Page - STMicroelectronics L9026 Datasheet HTML 20Page - STMicroelectronics L9026 Datasheet HTML 21Page - STMicroelectronics L9026 Datasheet HTML 22Page - STMicroelectronics L9026 Datasheet HTML 23Page - STMicroelectronics L9026 Datasheet HTML 24Page - STMicroelectronics L9026 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Figure 9. Switching resistive loads
7.1.2
Inductive output clamp
When switching off inductive loads, the voltage across the power switch rises to VDS(CL) potential, because the
inductance intends to continue driving the current. In case of HS configuration, the potential at Output pin is not
allowed to go below VOUT_S(CL). The voltage clamping is necessary to prevent device destruction.
To clarify this idea Figure 10 shows a concept drawing of the implementation.
Nevertheless, the maximum allowed load inductance is limited by the max energy. The clamping structure
protects the device in all operative modes (Sleep, Idle, Active, Limp Home).
Figure 10. Output clamp concept
7.1.3
Maximum load inductance
During demagnetization of inductive loads, energy has to be dissipated device. Eq. (1)shows how to calculate the
energy for low-side switches, while Eq. (2) can be used for high-side switches (auto-configurable switches can
use all equations, depending on the load position):
E=VDSCL ⋅ VS−VDSCL
RL ⋅In⋅ 1− RL⋅IL
VS−VDSCL +IL ⋅ LRL
(1)
E= VS−VDSCL ⋅ VOUTSCLRL ⋅In⋅ 1− RL⋅IL
VOUTSCL +IL ⋅ LRL
(2)
The maximum energy, which is converted into heat, is limited by the thermal design of the component. The
EAR value provided in Table 14 assumes that all channels can dissipate the same energy when the inductances
connected to the outputs are demagnetized at the same time.
L9026
Operating modes
DS13397 - Rev 5
page 21/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com