Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9026 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 31Page - STMicroelectronics L9026 Datasheet HTML 32Page - STMicroelectronics L9026 Datasheet HTML 33Page - STMicroelectronics L9026 Datasheet HTML 34Page - STMicroelectronics L9026 Datasheet HTML 35Page - STMicroelectronics L9026 Datasheet HTML 36Page - STMicroelectronics L9026 Datasheet HTML 37Page - STMicroelectronics L9026 Datasheet HTML 38Page - STMicroelectronics L9026 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
10
Limp Home mode
The Limp is intended to handle limited functionality of the device in critical faulty situations.
A typical application scenario is reported in Figure 17, with a system which is reconfigured during Limp Home as
shown in Figure 18.
Shall the micro that controls the device fail, an external safety micro takes over controlling parallel inputs IN0 and
IN1. The SBC will force the IDLE signal low which brings the device in Limp Home. Once the switching activity on
IN0, IN1 is over, being the IDLE pin still de-asserted, the device will reach Sleep mode.
During this mode active, L9026 is only capable of driving two outputs i.e. OUT2 through IN0 and OUT3 through
IN1; such a mapping is fixed and overcomes an eventual different mapping programmed via SPI once the Limp
Home is reached.
Figure 17. Possible system configuration during normal operating conditions
In Figure 17 the dotted green lines mark the signals path when the device is operating in normal node, IDLE, IN0,
IN1 are provided by the main MCU. Figure 18 shows a possible Limp Home configuration where the dotted blue
lines mark the signals path.
L9026
Limp Home mode
DS13397 - Rev 5
page 35/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com