Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD57100JR Datasheet(PDF) 13 Page - STMicroelectronics

Part # LD57100JR
Description  1 A ultra low-dropout LDO with bias
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD57100JR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LD57100JR Datasheet HTML 9Page - STMicroelectronics LD57100JR Datasheet HTML 10Page - STMicroelectronics LD57100JR Datasheet HTML 11Page - STMicroelectronics LD57100JR Datasheet HTML 12Page - STMicroelectronics LD57100JR Datasheet HTML 13Page - STMicroelectronics LD57100JR Datasheet HTML 14Page - STMicroelectronics LD57100JR Datasheet HTML 15Page - STMicroelectronics LD57100JR Datasheet HTML 16Page - STMicroelectronics LD57100JR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
8.1
Flip Chip6 (0.8x1.2 mm) package information
Figure 27. Flip Chip6 (0.8x1.2 mm) package outline
LD57100
Package information
DS13123 - Rev 5
page 13/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com