Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD57100JR Datasheet(PDF) 20 Page - STMicroelectronics

Part # LD57100JR
Description  1 A ultra low-dropout LDO with bias
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD57100JR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LD57100JR Datasheet HTML 13Page - STMicroelectronics LD57100JR Datasheet HTML 14Page - STMicroelectronics LD57100JR Datasheet HTML 15Page - STMicroelectronics LD57100JR Datasheet HTML 16Page - STMicroelectronics LD57100JR Datasheet HTML 17Page - STMicroelectronics LD57100JR Datasheet HTML 18Page - STMicroelectronics LD57100JR Datasheet HTML 19Page - STMicroelectronics LD57100JR Datasheet HTML 20Page - STMicroelectronics LD57100JR Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
List of figures
Figure 1.
Block diagram fixed version ........................................................... 2
Figure 2.
Block diagram adjustable version ....................................................... 2
Figure 3.
Pin connection (top view) ............................................................. 3
Figure 4.
Typical application for fixed version ...................................................... 4
Figure 5.
Typical application for adjustable version .................................................. 4
Figure 6.
VIN drop vs temperature.............................................................. 9
Figure 7.
UVLO vs temperature ............................................................... 9
Figure 8.
VOUT vs temperature (VBIAS@3 V, VIN@VOUT +0.3 V@1 mA) ................................... 9
Figure 9.
VOUT vs temperature (VBIAS@3 V, VIN@VOUT +0.3 V@1 A) .................................... 9
Figure 10.
Vin_line vs temp. (VOUT(NOM) + 0.3 V ≤ VIN ≤ 5.0 V) ........................................... 9
Figure 11.
VBIAS_line vs temp. (3.0 V or VOUT(NOM) + 1.6 V, whichever is greater, ≤ VBIAS ≤ 5.5 V) .................. 9
Figure 12.
Load vs temperature ............................................................... 10
Figure 13.
ISENSE vs temperature .............................................................. 10
Figure 14.
IBIAS vs temperature ............................................................... 10
Figure 15.
Enable high vs temperature (VBIAS min.) ................................................. 10
Figure 16.
IENABLE vs temperature ............................................................. 10
Figure 17.
Ground pin current vs load current ..................................................... 10
Figure 18.
Input voltage turn-on (VIN= from 0 V to 0.8 V, VBIAS=3 V, VEN=0.8 V, IOUT=1 A) ...................... 11
Figure 19.
Load transient (VIN=0.8 V, VBIAS=3 V, VEN=1 V, IOUT from 1 mA to 1 A) ............................ 11
Figure 20.
Line transient vs input voltage (VIN= from 0.8 V to 1.08 V, VBIAS=3 V, VEN=1 V, IOUT 100 mA)............. 11
Figure 21.
Line transient vs BIAS voltage (VIN=0.8 V to 1.08 V, VBIAS= from 2.8 to 3.8 V, VEN=1 V, IOUT=100 mA) ...... 11
Figure 22.
VBIAS PSRR vs frequency ........................................................... 11
Figure 23.
VIN PSRR vs frequency ............................................................ 11
Figure 24.
Output voltage spectral noise density vs frequency (VOUT= 1 V adj.) .............................. 12
Figure 25.
Output voltage spectral noise density vs frequency .......................................... 12
Figure 26.
Discharge_RMOS vs temperature ...................................................... 12
Figure 27.
Flip Chip6 (0.8x1.2 mm) package outline ................................................. 13
Figure 28.
Flip Chip6 (0.8x1.2 mm) recommended footprint ............................................ 14
Figure 29.
Flip Chip6 (0.8x1.2 mm) carrier tape outline ............................................... 15
LD57100
List of figures
DS13123 - Rev 5
page 20/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com