Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1839AS Datasheet(PDF) 8 Page - Analog Devices

Part # AD1839AS
Description  2 ADC, 6 DAC, 96 kHz, 24-Bit sigma-delta Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1839AS Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1839AS Datasheet HTML 4Page - Analog Devices AD1839AS Datasheet HTML 5Page - Analog Devices AD1839AS Datasheet HTML 6Page - Analog Devices AD1839AS Datasheet HTML 7Page - Analog Devices AD1839AS Datasheet HTML 8Page - Analog Devices AD1839AS Datasheet HTML 9Page - Analog Devices AD1839AS Datasheet HTML 10Page - Analog Devices AD1839AS Datasheet HTML 11Page - Analog Devices AD1839AS Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
REV. B
–8–
AD1839–Typical Performance Characteristics
FREQUENCY (Normalized to
f
S)
05
10
–150
15
–100
–50
0
TPC 1. ADC Composite Filter Response
FREQUENCY (Hz)
–30
020
5
10
15
–25
–20
–15
–10
–5
0
5
TPC 2. ADC High-Pass Filter Response, fS = 48 kHz
FREQUENCY (Normalized to
f
S)
–150
0
2.0
0.5
1.0
1.5
0
–100
–50
TPC 3. ADC Composite Filter Response
(Pass-Band Section)
FREQUENCY (Hz)
–30
020
5
10
15
–25
–20
–15
–10
–5
0
5
TPC 4. ADC High-Pass Filter Response, fS = 96 kHz
FREQUENCY (kHz)
0
–50
–150
–100
0
200
50
100
150
TPC 5. DAC Composite Filter Response, fS = 48 kHz
0
–50
–150
–100
0
200
50
100
150
FREQUENCY (kHz)
TPC 6. DAC Composite Filter Response, fS = 96 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com