Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1839AS Datasheet(PDF) 10 Page - Analog Devices

Part # AD1839AS
Description  2 ADC, 6 DAC, 96 kHz, 24-Bit sigma-delta Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1839AS Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1839AS Datasheet HTML 6Page - Analog Devices AD1839AS Datasheet HTML 7Page - Analog Devices AD1839AS Datasheet HTML 8Page - Analog Devices AD1839AS Datasheet HTML 9Page - Analog Devices AD1839AS Datasheet HTML 10Page - Analog Devices AD1839AS Datasheet HTML 11Page - Analog Devices AD1839AS Datasheet HTML 12Page - Analog Devices AD1839AS Datasheet HTML 13Page - Analog Devices AD1839AS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
REV. B
–10–
AD1839
TERMINOLOGY
Dynamic Range
The ratio of a full-scale input signal to the integrated input noise
in the pass band (20 Hz to 20 kHz), expressed in decibels (dB).
Dynamic range is measured with a –60 dB input signal and is
equal to (S/[THD + N]) + 60 dB. Note that spurious harmon-
ics are below the noise with a –60 dB input, so the noise level
establishes the dynamic range. The dynamic range is specified
with and without an A-Weight filter applied.
Signal-to-(Total Harmonic Distortion + Noise)
[S/(THD + N)]
The ratio of the root-mean-square (rms) value of the fundamental
input signal to the rms sum of all other spectral components in
the pass band, expressed in decibels (dB).
Pass Band
The region of the frequency spectrum unaffected by the attenu-
ation of the digital decimator’s filter.
Pass-Band Ripple
The peak-to-peak variation in amplitude response from equal-
amplitude input signal frequencies within the pass band, expressed
in decibels.
Stop Band
The region of the frequency spectrum attenuated by the digital
decimator’s filter to the degree specified by stop-band attenuation.
Gain Error
With identical near full-scale inputs, the ratio of actual output to
expected output, expressed as a percentage.
Interchannel Gain Mismatch
With identical near full-scale inputs, the ratio of outputs of the
two stereo channels, expressed in decibels.
Gain Drift
Change in response to a near full-scale input with a change in
temperature, expressed as parts-per-million (ppm) per
∞C.
Crosstalk (EIAJ Method)
Ratio of response on one channel with a grounded input to a
full-scale 1 kHz sine wave input on the other channel, expressed
in decibels.
Power Supply Rejection
With no analog input, signal present at the output when a
300 mV p-p signal is applied to power supply pins, expressed in
decibels of full scale.
Group Delay
Intuitively, the time interval required for an input pulse to
appear at the converter’s output, expressed in milliseconds (ms).
More precisely, the derivative of radian phase with respect to
radian frequency at a given frequency.
Group Delay Variation
The difference in group delays at different input frequencies.
Specified as the difference between the largest and the smallest
group delays in the pass band, expressed in microseconds (
ms)
ACRONYMS
ADC—Analog-to-Digital Converter
DAC—Digital-to-Analog Converter
DSP—Digital Signal Processor
IMCLK—Internal Master Clock Signal used to clock the ADC
and DAC engines
MCLK—External Master Clock Signal applied to the AD1838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com