Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST732 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST732
Description  300 mA, 28 V low-dropout voltage regulator, with 5 μA quiescent current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST732 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST732 Datasheet HTML 4Page - STMicroelectronics ST732 Datasheet HTML 5Page - STMicroelectronics ST732 Datasheet HTML 6Page - STMicroelectronics ST732 Datasheet HTML 7Page - STMicroelectronics ST732 Datasheet HTML 8Page - STMicroelectronics ST732 Datasheet HTML 9Page - STMicroelectronics ST732 Datasheet HTML 10Page - STMicroelectronics ST732 Datasheet HTML 11Page - STMicroelectronics ST732 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Thermal protection
An internal thermal feedback loop disables the output voltage if the die temperature reaches approximately 160
°C. This feature protects the device from excessive temperature that could lead to permanent damage to the
LDO.
Once the thermal protection is triggered and the device is shut down, normal operation is automatically recovered
if the die temperature falls below 140 °C (thermal protection hysteresis of 20 °C typically).
Continuous operation above the maximum ratings may lead to permanent damage to the device.
In case of operations with strongly inductive loads, undershoots on the output may happen. If those negative
spikes overcome the absolute maximum ratings of the device, permanent damage may occur. A Schottky diode
connected in parallel to the output port reduces the risk of damages in such operating cases.
ST732
Protection features
DS12561 - Rev 3
page 8/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com