Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST732 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST732
Description  300 mA, 28 V low-dropout voltage regulator, with 5 μA quiescent current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST732 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST732 Datasheet HTML 6Page - STMicroelectronics ST732 Datasheet HTML 7Page - STMicroelectronics ST732 Datasheet HTML 8Page - STMicroelectronics ST732 Datasheet HTML 9Page - STMicroelectronics ST732 Datasheet HTML 10Page - STMicroelectronics ST732 Datasheet HTML 11Page - STMicroelectronics ST732 Datasheet HTML 12Page - STMicroelectronics ST732 Datasheet HTML 13Page - STMicroelectronics ST732 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Figure 8. Output voltage vs. load current
1.150
1.160
1.170
1.180
1.190
1.200
1.210
1.220
1.230
1.240
1.250
0
50
100
150
200
250
300
Load current [mA]
-40°C
25°C
125°C
Figure 9. Dropout voltage vs. temperature
50
150
250
350
450
550
650
750
850
950
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
IOUT=100mA
IOUT=200mA
IOUT=300mA
Figure 10. Line regulation vs. temperature
-0.10
0.00
0.10
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
VIN = 2.5 V to 28 V, VOUT = 1.2 V, IOUT = 10 mA
Figure 11. Load regulation vs. temperature
-0.01
0.00
0.01
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
VIN = 2.5 V, VOUT = 1.2 V, IOUT = 10 mA to 300 mA
Figure 12. Quiescent current vs. input voltage
(IOUT = 0 mA)
0
2
4
6
8
10
12
0
5
10
15
20
25
30
Input voltage [V]
-40°C
25°C
125°C
Figure 13. Quiescent current vs. temperature
(IOUT = 0 mA)
0
2
4
6
8
10
12
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
VIN=2.5V
VIN=28V
ST732
Typical performance characteristics
DS12561 - Rev 3
page 10/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com