Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST732M50R Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST732M50R
Description  300 mA, 28 V low-dropout voltage regulator, with 5 μA quiescent current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST732M50R Datasheet(HTML) 5 Page - STMicroelectronics

  ST732M50R Datasheet HTML 1Page - STMicroelectronics ST732M50R Datasheet HTML 2Page - STMicroelectronics ST732M50R Datasheet HTML 3Page - STMicroelectronics ST732M50R Datasheet HTML 4Page - STMicroelectronics ST732M50R Datasheet HTML 5Page - STMicroelectronics ST732M50R Datasheet HTML 6Page - STMicroelectronics ST732M50R Datasheet HTML 7Page - STMicroelectronics ST732M50R Datasheet HTML 8Page - STMicroelectronics ST732M50R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
4
Maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
DC input voltage
-0.3 to 30
V
VOUT
DC output voltage
-0.3 to 14
V
IOUT
Output current
Internally limited
mA
PD
Power dissipation
Internally limited
mW
TST
Storage temperature range
-65 to 150
°C
TOP
Operating temperature range
-40 to 125
°C
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied. All values are referred to GND.
Table 3. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
190
°C/W
RthJC
Thermal resistance junction-case
75
°C/W
Note:
RthJA based on 4-layer (2S2P) JEDEC test board constructed based on JESD 51-7 specification.
Table 4. Electro static discharge
Symbol
Parameter
Value
Unit
HBM
Human body model
±2
kV
CDM
Charged device model
±500
V
ST732
Maximum ratings
DS12561 - Rev 3
page 5/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com