Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST732M50R Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST732M50R
Description  300 mA, 28 V low-dropout voltage regulator, with 5 μA quiescent current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST732M50R Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST732M50R Datasheet HTML 11Page - STMicroelectronics ST732M50R Datasheet HTML 12Page - STMicroelectronics ST732M50R Datasheet HTML 13Page - STMicroelectronics ST732M50R Datasheet HTML 14Page - STMicroelectronics ST732M50R Datasheet HTML 15Page - STMicroelectronics ST732M50R Datasheet HTML 16Page - STMicroelectronics ST732M50R Datasheet HTML 17Page - STMicroelectronics ST732M50R Datasheet HTML 18Page - STMicroelectronics ST732M50R Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Table 7. SOT23-5L tape and reel mechanical data
Dimension
mm
Min.
Typ.
Max.
A
180
C
12.8
13.0
13.2
D
20.2
N
60
T
14.4
Ao
3.15
Bo
3.2
Ko
1.4
Po
3.9
4.0
4.1
P
3.9
4.0
4.1
W
7.9
8
8.3
ST732
Packing information
DS12561 - Rev 3
page 15/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com