Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSL136HR Datasheet(PDF) 5 Page - ON Semiconductor

Part # FSL136HR
Description  Green Mode Power Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSL136HR Datasheet(HTML) 5 Page - ON Semiconductor

  FSL136HR Datasheet HTML 1Page - ON Semiconductor FSL136HR Datasheet HTML 2Page - ON Semiconductor FSL136HR Datasheet HTML 3Page - ON Semiconductor FSL136HR Datasheet HTML 4Page - ON Semiconductor FSL136HR Datasheet HTML 5Page - ON Semiconductor FSL136HR Datasheet HTML 6Page - ON Semiconductor FSL136HR Datasheet HTML 7Page - ON Semiconductor FSL136HR Datasheet HTML 8Page - ON Semiconductor FSL136HR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
FSL136HR
www.onsemi.com
5
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified) (continued)
Symbol
Unit
Max
Typ
Min
Test Condition
Parameter
PROTECTION SECTION
IDELAY
Shutdown Delay Current
VFB = 5 V
3.5
5.0
6.5
mA
VOVP
Over−Voltage Protection Threshold
VFB = 2 V
22.5
24.0
25.5
V
tOSP
Output Short
Protection (Note 11)
Threshold Time
TJ = 25°C
OSP Triggered when tON < tOSP &
VFB > VOSP, which lasts longer than
tOSP_FB
−
1.00
1.35
ms
VOSP
Threshold
Feedback Voltage
1.44
1.60
−
V
tOSP_FB
Feedback Blanking
Time
2.0
2.5
−
ms
VAOCP
AOCP Voltage (Note 11)
TJ = 25°C
0.85
1.00
1.15
V
TSD
Thermal Shutdown
(Note 11)
Shutdown
Temperature
125
137
150
°C
HYSTSD
Hysteresis
−
60
−
°C
tLEB
Leading−Edge Blanking Time (Note 11)
300
−
−
ns
TOTAL DEVICE SECTION
IOP1
Operating Supply Current (Note 11)
(While Switching)
VCC = 14 V, VFB > VBURH
−
2.5
3.5
mA
IOP2
Operating Switching Current,
(Control Part Only)
VCC = 14 V, VFB < VBURL
−
1.8
2.5
mA
ICH
Startup Charging Current
VCC = 0 V
0.9
1.1
1.5
mA
VSTR
Minimum VSTR Supply Voltage
VCC = VFB = 0 V, VSTR Increase
35
−
−
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
11. Though guaranteed by design, it is not 100% tested in production.
ORDERING INFORMATION
Part Number
Operating Temperature Range
Top Mark
Package
Packing Method†
FSL136HR
−40 to 105 °C
FSL136HR
8−Lead, Dual Inline Package (DIP)
Rail
FSL136HRL
8−Lead, Surface Mount Package
(LSOP)
Rail
FSL136HRLX
Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com