Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSL136HR Datasheet(PDF) 9 Page - ON Semiconductor

Part # FSL136HR
Description  Green Mode Power Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSL136HR Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FSL136HR Datasheet HTML 5Page - ON Semiconductor FSL136HR Datasheet HTML 6Page - ON Semiconductor FSL136HR Datasheet HTML 7Page - ON Semiconductor FSL136HR Datasheet HTML 8Page - ON Semiconductor FSL136HR Datasheet HTML 9Page - ON Semiconductor FSL136HR Datasheet HTML 10Page - ON Semiconductor FSL136HR Datasheet HTML 11Page - ON Semiconductor FSL136HR Datasheet HTML 12Page - ON Semiconductor FSL136HR Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
FSL136HR
www.onsemi.com
9
Figure 17. Pulse−Width−Modulation Circuit
Overload Protection (OLP)
Overload is defined as the load current exceeding a preset
level due to an unexpected event. In this situation, the
protection circuit should be activated to protect the SMPS.
However, even when the SMPS is operating normally, the
overload protection (OLP) circuit can be activated during
the load transition or startup. To avoid this undesired
operation, the OLP circuit is designed to be activated after
a specified time to determine whether it is a transient
situation or a true overload situation.
In conjunction with the IPK current limit pin (if used), the
current−mode feedback path limits the current in the
SENSEFET when the maximum PWM duty cycle is
attained. If the output consumes more than this maximum
power, the output voltage (VO) decreases below its rating
voltage. This reduces the current through the opto−coupler
LED, which also reduces the opto−coupler transistor
current, thus increasing the feedback voltage (VFB). If VFB
exceeds 2.4 V, the feedback input diode is blocked and the
5
mA current source (IDELAY) starts to charge CFB slowly up
to VCC. In this condition, VFB increases until it reaches 6 V,
when the switching operation is terminated, as shown in
Figure 18. The shutdown delay is the time required to charge
CFB from 2.4 V to 6 V with 5 mA current source.
Figure 18. Overload Protection (OLP)
Abnormal Over−Current Protection (AOCP)
When the secondary rectifier diodes or the transformer pin
are shorted, a steep current with extremely high di/dt can
flow through the SENSEFET during the LEB time. Even
though the power switch has OLP (Overload Protection), it
is not enough to protect the FPS in that abnormal case, since
severe current stress is imposed on the SENSEFET until
OLP triggers. The power switch includes the internal AOCP
(Abnormal Over−Current Protection) circuit shown in
Figure 19. When the gate turn−on signal is applied to the
power SENSEFET, the AOCP block is enabled and monitors
the current through the sensing resistor. The voltage across
the resistor is compared with a preset AOCP level. If the
sensing resistor voltage is greater than the AOCP level, the
set signal is applied to the latch, resulting in the shutdown of
the SMPS.
Figure 19. Abnormal Over−Current Protection
Thermal Shutdown (TSD)
The SENSEFET and the control IC are integrated, making
it easier to detect the temperature of the SENSEFET. When
the temperature exceeds approximately 137
°C, thermal
shutdown is activated.
Over−Voltage Protection (OVP)
In the event of a malfunction in the secondary−side
feedback circuit or an open feedback loop caused by
a soldering defect, the current through the opto−coupler
transistor becomes almost zero. Then, VFB climbs up in
a similar manner to the overload situation, forcing the preset
maximum current to be supplied to the SMPS until the
overload protection is activated. Because excess energy is
provided to the output, the output voltage may exceed the
rated voltage before the overload protection is activated,
resulting in the breakdown of the devices in the secondary
side. To prevent this situation, an over−voltage protection
(OVP) circuit is employed. In general, VCC is proportional
to the output voltage and the power switch uses VCC instead
of directly monitoring the output voltage. If VCC exceeds
24 V, OVP circuit is activated, resulting in termination of
the switching operation. To avoid undesired activation of
OVP during normal operation, VCC should be designed to be
below 24 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com