Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL260N4LF7 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL260N4LF7
Description  N-channel 40 V, 0.85 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL260N4LF7 Datasheet(HTML) 5 Page - STMicroelectronics

  STL260N4LF7 Datasheet HTML 1Page - STMicroelectronics STL260N4LF7 Datasheet HTML 2Page - STMicroelectronics STL260N4LF7 Datasheet HTML 3Page - STMicroelectronics STL260N4LF7 Datasheet HTML 4Page - STMicroelectronics STL260N4LF7 Datasheet HTML 5Page - STMicroelectronics STL260N4LF7 Datasheet HTML 6Page - STMicroelectronics STL260N4LF7 Datasheet HTML 7Page - STMicroelectronics STL260N4LF7 Datasheet HTML 8Page - STMicroelectronics STL260N4LF7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
10-1
100
101
VDS (V)
10-1
100
101
102
ID (A)
10ms
1ms
100µs
Tj ≤ 175 °C
Tc = 25 °C
single pulse
Operation in this area is
limited by max. RDS(on)
GIPD2005160L48LSOA
Figure 2. Thermal impedance
tp (s)
K
10-5
10-4
10-3
10-2
10-1
GIPD2005160L48LZTH
10-2
10-1
Figure 3. Output characteristics
0
2
4
6
V DS (V)
0
40
80
120
I D
(A)
V GS = 3 V
V GS = 4, 5, 6, 7, 8, 9, 10 V
GIPD2005160L48LOCH
V GS = 2 V
V GS = 2.6 V
Figure 4. Transfer characteristics
0
1
2
3
4
0
100
200
300
400
V DS = 6 V
I D
(A)
V GS (V)
GIPD2005160L48LTCH
T J = 25 °C
T J = 175 °C
T J = -55 °C
Figure 5. Gate charge vs gate-source voltage
GADG110620191139QVG
10
8
6
4
2
0
0
15
30
45
60
75
VGS
(V)
Qg (nC)
ID = 50 A
VDS = 20 V
Figure 6. Static drain-source on-resistance
GADG100620191230RID
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0
10
20
30
40
50
RDS(on)
(mΩ)
ID (A)
VGS = 4.5V
VGS = 10V
STL260N4LF7
Electrical characteristics (curves)
DS11156 - Rev 5
page 5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com