Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL260N4LF7 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL260N4LF7
Description  N-channel 40 V, 0.85 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL260N4LF7 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL260N4LF7 Datasheet HTML 2Page - STMicroelectronics STL260N4LF7 Datasheet HTML 3Page - STMicroelectronics STL260N4LF7 Datasheet HTML 4Page - STMicroelectronics STL260N4LF7 Datasheet HTML 5Page - STMicroelectronics STL260N4LF7 Datasheet HTML 6Page - STMicroelectronics STL260N4LF7 Datasheet HTML 7Page - STMicroelectronics STL260N4LF7 Datasheet HTML 8Page - STMicroelectronics STL260N4LF7 Datasheet HTML 9Page - STMicroelectronics STL260N4LF7 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Figure 7. Capacitance variations
GADG110620191139CVR
104
103
102
101
10-1
100
101
C
(pF)
VDS (V)
CISS
COSS
CRSS
Figure 8. Normalized on-resistance vs temperature
-75
-25
25
75
125
175 T j (ºC)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
R DS(on)
(norm.)
VGS = 10 V
ID = 25 A
GIPD2005160L48LRON
Figure 9. Normalized V(BR)DSS vs temperature
GADG110620191141BDV
1.08
1.04
1.00
0.96
0.92
-75
-25
25
75
125
175
V(BR)DSS
(norm.)
Tj (°C)
ID = 2 mA
Figure 10. Normalized gate threshold voltage vs
temperature
GADG110620191140VTH
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-75
-25
25
75
125
175
VGS(th)
(norm.)
Tj (°C)
ID = 250 µA
Figure 11. Source-drain diode forward characteristics
GADG110620191141SDF
1.0
0.8
0.6
0.4
0.2
0
10
20
30
40
50
VSD
(V)
ISD (A)
TJ = -55 °C
TJ = 25 °C
TJ = 175 °C
0.0
STL260N4LF7
Electrical characteristics (curves)
DS11156 - Rev 5
page 6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com