| Electronic Components Datasheet Search |
|
STM32WLE5JCU6TR Datasheet(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE5JCU6TR Datasheet(HTML) 12 Page - STMicroelectronics |
|
12 / 145 page ![]() Description STM32WLE5/E4xx 12/145 DS13105 Rev 8 The devices also feature the standard and advanced communication interfaces listed below: • two USART (supporting LIN, smartcard, IrDA, modem control and ISO7816) • one low-power UART (LPUART) • three I2C (SMBus/PMBus) • two SPIs (up to 16 MHz, one supporting I2S) • semaphores for processor firmware process synchronization The operating temperature/voltage ranges are –40 °C to +105 °C (+85 °C with radio)(a) from a 1.8 V to 3.6 V power supply. A comprehensive set of power-saving modes allows the design of low-power applications. The devices integrate a high-efficiency SMPS step-down converter and independent power supplies for ADC, DAC and comparator analog inputs. A VBAT dedicated supply allows the LSE 32.768 kHz oscillator, the RTC and the backup registers to be backed up. The devices can maintain these functions even if the main VDD is not present, through a CR2032-like battery, a supercap or a small rechargeable battery. a. Devices with suffix 6 operate up to 85 °C. Devices with suffix 7 can operate up to 105 °C except radio. Table 2. Main features and peripheral counts Feature STM32WLE5Cx STM32WLE4Cx STM32WLE5Jx STM32WLE4Jx STM32WLE5Ux STM32WLE4Ux CPU Arm Cortex-M4 Maximum CPU frequency (MHz) 48 Flash memory density (Kbytes) 256/128/64 SRAM density (Kbytes) SRAM1 32/16/0 SRAM2 32/32/20 Radio LoRa Available on STM32WLE5xx devices. Not available on STM32WLE4xx devices (G)FSK Yes (G)MSK BPSK Radio power amplifier Low output power (up to 15 dBm) Yes High output power (up to 22 dBm) Timer General purpose 4 Low-power 3 SysTick 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |