| Electronic Components Datasheet Search |
|
STM32WLE5JCU6TR Datasheet(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE5JCU6TR Datasheet(HTML) 31 Page - STMicroelectronics |
|
31 / 145 page ![]() DS13105 Rev 8 31/145 STM32WLE5/E4xx Functional overview 48 True random number generator (RNG) O (10) O(1 0) RR R -R -- -- -- -- AES hardware accelerator O O O O R -R -- -- -- -- PKA hardware accelerator O O O O R -R -- -- -- -- CRC calculation unit O O O O R -R -R -- -- -- HSEM O R O R R -R -- -- -- -- EXTI O O O O R OR OR O- -- -- GPIOs O O O O O OO OO O R (11) 3 pin s (12) (13) 3 pins (12) - 1. Legend: Y = Yes (enabled). O = Optional (disabled by default and can be enabled by software). R = data retained. - = Not available. Gray cells indicate wakeup capability. 2. The SRAM clock can be gated on or off. 3. Flash memory can be placed in power-down mode. 4. The SRAM2 content can optionally be retained when the PWR_CR3.RRS bit is set. 5. Only when the sub-GHz radio is active. 6. Some peripherals with wakeup from Stop capability can request HSI16 to be enabled. In this case, HSI16 is woken up by the peripheral, and only feeds the peripheral that requested it. HSI16 is automatically put off when the peripheral does not need it anymore. 7. HSE32 can be used by sub-GHz radio system. 8. USART reception is functional in Stop 0 and Stop 1 modes. LPUART1 reception is functional is Stop 0, Stop 1, and Stop 2 modes. LPUART1 generates a wakeup interrupt on Start address match or received frame event. 9. I2Cx (x= 1, 2) address detection is functional in Stop 0 and Stop 1 modes. I2C3 address detection is functional in Stop 0, Stop 1 and Stop 2 modes. I2C3 generates a wakeup interrupt in case of address match. 10. Voltage scaling range 1 only. 11. I/Os can be configured with internal pull-up, pull-down or floating in Standby mode. 12. The I/Os with wakeup from Standby/Shutdown capability are PA0, PC13 and PB3. 13. I/Os can be configured with internal pull-up, pull-down or floating in Shutdown mode, but the configuration is lost when exiting the Shutdown mode. Table 7. Functionalities depending on system operating mode(1) (continued) Peripheral Stop 0 Stop 1 Stop 2 Standby Shutdown - - - - - |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |