| Electronic Components Datasheet Search |
|
STM32WLE5JCU6XXX Datasheet(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE5JCU6XXX Datasheet(HTML) 19 Page - STMicroelectronics |
|
19 / 145 page ![]() DS13105 Rev 8 19/145 STM32WLE5/E4xx Functional overview 48 3.8.2 General description The sub-GHz radio provides an internal processing unit to handle communication with the system CPU. Communication is handled by commands sent over the SPI interface, and a set of interrupts is used to signal events. BUSY information signals operation activity and is used to indicate when the sub-GHz radio commands cannot be received. The block diagram of the sub-GHz radio system is shown in the figure below. Figure 2. sub-GHz radio system block diagram 3.8.3 Transmitter The transmit chain comprises the modulated output from the modem, that directly modulates the RF-PLL. An optional pre-filtering of the bit stream can be enabled to reduce the power in the adjacent channel also dependent on the selected modulation scheme. The modulated signal from the RF-PLL directly drives the high output power PA (HP PA) or low output power PA (LP PA). Transmitter high output power Transmit high output power up to + 22 dBm, is supported through the RFO_HP RF pin. MSv62615V1 Note: LoRa modem is only available on STM32WLE5xx devices. Sub-GHz radio Sub-GHz RF frontend Radio control SUBGHZSPI hse32 Interrups RFO_LP RFO_HP RFI_P RFI_N FSK modem LoRa modem (note) Data and control HSE32 OSC_IN OSC_OUT BUSY HSERDY HSEON HSEBYPPWR VR_PA VDDPA PB0_VDDTCXO |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |