| Electronic Components Datasheet Search |
|
STM32WLE5JCU6XXX Datasheet(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE5JCU6XXX Datasheet(HTML) 40 Page - STMicroelectronics |
|
40 / 145 page ![]() Functional overview STM32WLE5/E4xx 40/145 DS13105 Rev 8 The ADC frequency is independent from the CPU frequency, allowing maximum sampling rate of ~2 Msps even with a low CPU speed. An auto-shutdown function guarantees that the ADC is powered off except during the active conversion phase. The ADC can be served by the DMA controller. It can operate in the whole VDD supply range. The ADC features a hardware oversampler up to 256 samples, improving the resolution to 16 bits. Refer to the application note Improving STM32F1 Series, STM32F3 Series and STM32Lx Series ADC resolution by oversampling (AN2668). An analog watchdog feature allows very precise monitoring of the converted voltage of one, some or all scanned channels. An interrupt is generated when the converted voltage is outside the programmed thresholds. The events generated by the general-purpose timers (TIMx) can be internally connected to the ADC start triggers, to allow the application to synchronize A/D conversions with timers. 3.18.1 Temperature sensor The temperature sensor (TS) generates a VTS voltage that varies linearly with temperature. The temperature sensor is internally connected to the ADC VIN[12] input channel, to convert the sensor output voltage into a digital value. The sensor provides good linearity but it has to be calibrated to obtain good overall accuracy of the temperature measurement. As the offset of the temperature sensor may vary from part to part due to process variation, the uncalibrated internal temperature sensor is suitable only for relative temperature measurements. To improve the accuracy of the temperature sensor, each part is individually factory- calibrated by ST. The resulting calibration data is stored in the device engineering bytes, accessible in read-only mode. 3.18.2 Internal voltage reference (VREFINT) VREFINT provides a stable (bandgap) voltage output for the ADC and comparators. VREFINT is internally connected to the ADC VIN[13] input channel. VREFINT is individually and precisely measured, for each part, by ST, during production test and stored in the device engineering bytes. It is accessible in read-only mode. Table 12. Temperature sensor calibration values Calibration value name Description Memory address TS_CAL1 TS ADC raw data acquired at 30 °C (± 5 °C), VDDA = VREF+ = 3.3 V (± 10 mV) 0x1FFF 75A8 - 0x1FFF 75A9 TS_CAL2 TS ADC raw data acquired at 130 °C (± 5 °C), VDDA = VREF+ = 3.3 V (± 10 mV) 0x1FFF 75C8 - 0x1FFF 75C9 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |