Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB380 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FUSB380
Description  Autonomous USB Type-C Cable Marker
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB380 Datasheet(HTML) 4 Page - ON Semiconductor

  FUSB380 Datasheet HTML 1Page - ON Semiconductor FUSB380 Datasheet HTML 2Page - ON Semiconductor FUSB380 Datasheet HTML 3Page - ON Semiconductor FUSB380 Datasheet HTML 4Page - ON Semiconductor FUSB380 Datasheet HTML 5Page - ON Semiconductor FUSB380 Datasheet HTML 6Page - ON Semiconductor FUSB380 Datasheet HTML 7Page - ON Semiconductor FUSB380 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FUSB380
www.onsemi.com
4
DC AND TRANSIENT ELECTRICAL CHARACTERISTICS (Minimum and maximum values are at VCONNx = 2.4 V to 5.5 V,
TA = −40°C to +85°C unless otherwise noted. Typical values are at TA = 25°C, VCONNx = 3.3 V)
Symbol
Units
Max
Typ
Min
Conditions
Parameter
TRANSMITTER
vSwing
BMC voltage swing
1.05
1.125
1.2
V
zDriver
TX output impedance at 750 kHz with an
external 220 pF or equivalent load
33
75
W
RECEIVER
cReceiver
Receiver capacitance when driver isn’t
turned on (Note 4)
Vrms=0.371; Vdc=0.5V; Freq.=1MHz
25
pF
zBmcRx
Receiver Input Impedance (cannot be tested
but can be simulated and guaranteed by de-
sign)
1
MW
nTransitionCount
Transitions count in a time window of 20 ms
max.
3
edges
tRxFilter
Rx bandwidth limiting filter (Note 4)
100
ns
tTransitionWindow
Time window for detecting non−idle
12
20
ms
TYPE−C PHY
RA
Powered Cable Termination before VCONN
Power
800
1200
W
RA_WEAK
Weakened RA when VCONN is applied
VCONN > VVCONN_RA_WEAK after
tVCONNStable (min)
18
22
kW
zOPEN
CC resistance when VCONNx is valid and
when VCONNx = 0 V
126
kW
USB PD SPECIFIC TIMING PARAMETERS
tBISTContMode
BIST Carrier Mode 2 pattern sent only for
this length of time
30
60
ms
tTransmit
From receiving a packet, we have to send a
GoodCRC in response within tTransmit time.
It is measured from the last bit of the EOP of
the received packet to the first bit sent of the
preamble of the GoodCRC packet
195
ms
CABLE MARKER SPECIFIC
tVCONNStable
The time between the application of VCONN
until SOP’ and SOP” shall be ready for com-
munication.
VCONN ≥ 2.4 V
10
50
ms
VVCONN_RA_WEAK Voltage threshold when RA_WEAK is pre-
sented after tVCONNStable
2.4
V
tVCONNDischarge
The time from the point that the cable is de-
tached until vVCONNDischarge shall be met.
Cable loading = 10 mF, RA_WEAK
230
ms
vVCONNDischarge
The VCONN voltage following cable detach
and self−discharge.
800
mV
vVCONNDisconnect Threshold used to detect VCONN discon-
nect.
0.8
2.4
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Guaranteed by Design. Characterized on the ATE or Bench.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com