Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7EASV Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # M7EASV
Description  Super-mini Signal Conditioners with LCD Display M7E-UNIT Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M7EASV Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  M7EASV Datasheet HTML 1Page - M-System Co.,Ltd. M7EASV Datasheet HTML 2Page - M-System Co.,Ltd. M7EASV Datasheet HTML 3Page - M-System Co.,Ltd. M7EASV Datasheet HTML 4Page - M-System Co.,Ltd. M7EASV Datasheet HTML 5Page - M-System Co.,Ltd. M7EASV Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: M7EASV
M7EASV SPECIFICATIONS
ES-7762 Rev.13 Page 4/6
https://www.m-system.co.jp/
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (output)
Installation Category II (power)
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
(When 150 V AC max. load voltage or measurement
category I, applicable as reinforced insulation)
RoHS Directive
EXTERNAL VIEW
Refer to the instruction manual for the setting procedure.
LCD Display
Mode Button
Set Button
PC Configurator
Jack
Up Button
Down Button
Up
Down
Mode
Set
EXTERNAL DIMENSIONS unit: mm [inch]
29 [1.14]
94 [3.70]
8
[.31]
124 [4.88]
22 [.87]
6 [.23]
11–M3
SCREW
29.5 [1.16]
2–4.2x5
[.17x.20]
MTG HOLE
6 [.24] deep
DIN RAIL
35mm wide
(4 [.16])
• When mounting, no extra space is needed between units.
4
8 7
10
11
5
6
1
2
3
9



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com