Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7EASV Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M7EASV
Description  Super-mini Signal Conditioners with LCD Display M7E-UNIT Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M7EASV Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M7EASV Datasheet HTML 1Page - M-System Co.,Ltd. M7EASV Datasheet HTML 2Page - M-System Co.,Ltd. M7EASV Datasheet HTML 3Page - M-System Co.,Ltd. M7EASV Datasheet HTML 4Page - M-System Co.,Ltd. M7EASV Datasheet HTML 5Page - M-System Co.,Ltd. M7EASV Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: M7EASV
M7EASV SPECIFICATIONS
ES-7762 Rev.13 Page 1/6
https://www.m-system.co.jp/
Super-mini Signal Conditioners with
LCD Display M7E-UNIT Series
DC ALARM
(dual or quad alarm trip)
Functions & Features
• Provides relay outputs at preset DC input levels
• Quad or dual trip
• Front LCD display indicating values in scaled engineering
unit range is used to program the module
• Adjustable deadband (hysteresis)
• Software lock
• ON delay time selectable
• Hi/Lo trip and energized/de-energized coil independently
selectable for each setpoint
• Enclosed relays
• Relays can be powered by 200 V AC and 100 V DC
• High-density mounting on DIN rail
Typical Applications
• Annunciator
• Various alarm applications
Mode
Set
Up
Down
83
[3.27]
124
[4.88]
29.5
[1.16]
mm [inch]
MODEL: M7EASV-[1][2]-[3][4]
ORDERING INFORMATION
• Code number: M7EASV-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. M7EASV-Z12-M2/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01/SET)
[1] INPUT
Current
Z1: Range 0 – 50 mA DC (Input resistance 100 Ω)
Voltage
S1: Range -1000 – +1000 mV DC (Input resistance 1 MΩ min.)
S2: Range -10 – +10 V DC (Input resistance 1 MΩ min.)
[2] OUTPUT
2: 4 points; N.O. or make contact
3: 4 points; N.C. or break contact
5: 2 points; SPDT or transfer contact
[3] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[4] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-7762)
Default setting will be used if not otherwise specified.


Similar Part No. - M7EASV

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M7EASDY MSYSTEM-M7EASDY Datasheet
153Kb / 5P
Super-mini Signal Conditioners with LCD Display M7E-UNIT Series
M7EASDY-2-M2 MSYSTEM-M7EASDY-2-M2 Datasheet
153Kb / 5P
Super-mini Signal Conditioners with LCD Display M7E-UNIT Series
M7EASDY-2-M2/CE MSYSTEM-M7EASDY-2-M2/CE Datasheet
153Kb / 5P
Super-mini Signal Conditioners with LCD Display M7E-UNIT Series
M7EASDY-2-M2/Q MSYSTEM-M7EASDY-2-M2/Q Datasheet
153Kb / 5P
Super-mini Signal Conditioners with LCD Display M7E-UNIT Series
M7EASDY-2-R MSYSTEM-M7EASDY-2-R Datasheet
153Kb / 5P
Super-mini Signal Conditioners with LCD Display M7E-UNIT Series
More results

Similar Description - M7EASV

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2EXT MSYSTEM-M2EXT Datasheet
175Kb / 7P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EXS MSYSTEM-M2EXS Datasheet
146Kb / 5P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EXR MSYSTEM-M2EXR Datasheet
155Kb / 6P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EXM MSYSTEM-M2EXM Datasheet
144Kb / 5P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EAXV MSYSTEM-M2EAXV Datasheet
165Kb / 6P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EAXT MSYSTEM-M2EAXT Datasheet
195Kb / 8P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EAXR MSYSTEM-M2EAXR Datasheet
190Kb / 7P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EAXM MSYSTEM-M2EAXM Datasheet
164Kb / 6P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EAXDY MSYSTEM-M2EAXDY Datasheet
180Kb / 7P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M7EASDY MSYSTEM-M7EASDY Datasheet
153Kb / 5P
Super-mini Signal Conditioners with LCD Display M7E-UNIT Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com