Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7EASDY Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M7EASDY
Description  Super-mini Signal Conditioners with LCD Display M7E-UNIT Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M7EASDY Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M7EASDY Datasheet HTML 1Page - M-System Co.,Ltd. M7EASDY Datasheet HTML 2Page - M-System Co.,Ltd. M7EASDY Datasheet HTML 3Page - M-System Co.,Ltd. M7EASDY Datasheet HTML 4Page - M-System Co.,Ltd. M7EASDY Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: M7EASDY
M7EASDY SPECIFICATIONS
ES-7763 Rev.12 Page 3/5
https://www.m-system.co.jp/
OUTPUT SPECIFICATIONS
■ Quad Alarm
Relay rating: 100 V AC @ 1 A (cos ø = 1)
120 V AC @ 1 A (cos ø = 1)
240 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 1 A (resistive load)
Maximum switching voltage: 250 V AC or 125 V DC
(Limited to the max. voltage 150 V AC or to the use for
Measurement Category I in order to conform with EU
Directive)
Maximum switching power: 120 VA or 30 W
Minimum load: 5 V DC @ 10 mA
Mechanical life: 5 × 107 cycles
■ DUAL ALARM
Relay rating: 100 V AC @ 4 A (cos ø = 1)
120 V AC @ 4 A (cos ø = 1)
240 V AC @ 2 A (cos ø = 1)
30 V DC @ 4 A (resistive load)
Maximum switching voltage: 250 V AC or 125 V DC
(Limited to the max. voltage 150 V AC or to the use for
Measurement Category I in order to conform with EU
Directive)
Maximum switching power: 480 VA or 150 W
Minimum load: 5 V DC @ 10 mA
Mechanical life: 5 × 107 cycles
0
50
100
Input
%
LL
L
HH
H
L2 (5–7)
L3 (5–8)
L4 (3–9)
L1 (3–6)
ON
ON
OFF
ON
ON
OFF
OFF
OFF
• Example
Quad N.O. contacts (LL, L, H, HH)
Alarm Trip Operation
Terminal No. in parentheses
Trip operation in power failure
Output code 2 : All relays turn OFF.
Output code 3 : All relays turn ON.
Output code 5 : Terminals 3 – 9, 5 – 8 turn ON.
LINEARIZATION
■ Linearization Types
Linear: No linearization
Square root: The input is square root extracted.
User table
Calibration points: Max. 128 points; the input % and
linearized value in scaling are specified in pairs.
Selectable range: -7.5 to +107.5 % as input %; -9999 to
+9999 as linearized values
■ Low-end Cutout: Low-end cutout (Low Cut) point
selectable within the range of 0 to 100 %.
With the linear or user table output type,
the output signal is forcibly set to 0 % for the input lower
than the low-cut point. With the square root extraction, the
output signal is linear to the input when the latter is lower
than the low-cut point.
INPUT
• Linear or User Table
• Square Root
0
Low-end cutout
point
INPUT
0
Low-end cutout
point
INSTALLATION
Power consumption
•AC: Approx. 5 VA at 100 V
Approx. 7 VA at 200 V
Approx. 8.5 VA at 264 V
•DC: Approx. 3 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
With 4-point alarm type, leave extra 1-unit space on both
sides of the unit if all 4 relay coils are to be energized in
normal conditions.
Weight: 200 g (0.44 lb)
PERFORMANCE in percentage of FS input
Setpoint accuracy (trip point accuracy):
±(0.1 % of FS + 1 digit) (gain ≤1)
±(0.1 % × gain of FS + 1 digit) (gain >1)
Display accuracy: ±(0.1 % of FS + 1 digit)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.5 sec. (0 – 100 % at 90 % setpoint)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com