Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7EASDY Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M7EASDY
Description  Super-mini Signal Conditioners with LCD Display M7E-UNIT Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M7EASDY Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M7EASDY Datasheet HTML 1Page - M-System Co.,Ltd. M7EASDY Datasheet HTML 2Page - M-System Co.,Ltd. M7EASDY Datasheet HTML 3Page - M-System Co.,Ltd. M7EASDY Datasheet HTML 4Page - M-System Co.,Ltd. M7EASDY Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: M7EASDY
M7EASDY SPECIFICATIONS
ES-7763 Rev.12 Page 2/5
https://www.m-system.co.jp/
FACTORY DEFAULT SETTING
INPUT CALIBRATION
4 - 20 mA DC
LOW CUT POINT
0.00
MOVING AVERAGE
NONE
SCALING RANGE
0.0 - 100.0
DECIMAL POINT
XXX.X
SCALING UNIT
°C
LINEARIZATION
Linear
L1 ALARM VALUE
20.0
L1 ALARM TRIP OPERATION
Lo alarm trip
L1 ALARM HYSTERESIS
1.0
L1 ALARM COIL AT ALARM
Coil energized
L2 ALARM VALUE
80.0 (2 point alarm)
30.0 (4 point alarm)
L2 ALARM TRIP OPERATION
Hi alarm trip (2 point alarm)
Lo alarm trip (4 point alarm)
L2 ALARM HYSTERESIS
1.0
L2 ALARM COIL AT ALARM
Coil energized
L3 ALARM VALUE
70.0
L3 ALARM TRIP OPERATION
Hi alarm trip
L3 ALARM HYSTERESIS
1.0
L3 ALARM COIL AT ALARM
Coil energized
L4 ALARM VALUE
80.0
L4 ALARM TRIP OPERATION
Hi alarm trip
L4 ALARM HYSTERESIS
1.0
L4 ALARM COIL AT ALARM
Coil energized
POWER ON DELAY TIMER
5
ALARM ON DELAY TIMER
0
LATCHING
Invalid
LCD CONTRAST
50
LCD BACK LIGHT
Off Timer
LCD BACK LIGHT OFF TIME
10
RELATED PRODUCTS
• PC configurator software (model: M7CFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3 screw terminals (torque 0.8 N·m)
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Programming: Front buttons or PC software
Programmable parameters:
· Input range
· Input fine adjustments
· Moving average (None, 4, 8, 16 or 32 samples)
· Scale Range: -9999 to +9999
Unit: User specific unit programmable.
Decimal point position
· Linearization (linear, square root, user table: 128 points)
· Alarm output (L1...L4 independently)
Setpoint (scaled value)
Trip action (Hi or Lo)
Deadband (hysteresis) (scaled value)
Relay coil (energized or de-energized)
· Power ON delay time (0 to 99 sec.)
· Alarm ON delay time (0 to 999 sec.)
· Latching or not
· LCD Contrast
Back Light (On, Off, Off timer)
LCD DISPLAY
Display functions: Displays and sets measured range,
engineering unit, alarm operation
Effective visual area: Approx. 15.6 × 18.9 mm (0.61” ×
0.74”)
Number of pixels: 68 × 95 (horizontal × vertical)
Character color: Black
Backlight: LED (orange in normal status, red when an alarm
is tripped.)
Backlight life: Approx. 50 000 hours
(Expected time for the LCD brightness to be reduced by half
when the LCD is used continuously in 50 % brightness in
25°C)
LCD type: Transreflective FSTN
Display range: -9999 to +9999
Decimal point position: Selectable
Display rate: 150 msec.
SUPPLY OUTPUT
■ SUPPLY OUTPUT (across the terminals 1 – 2)
Output voltage: 24 – 28 V DC with no load
19 V DC minimum at 20 mA
Current rating: ≤ 22 mA DC
Permissible load resistance:
LR (Ω) ≤ (19 – Min. Operational Voltage)V ÷ 0.02 A
• Shortcircuit Protection
Current limited: 26 – 35 mA
Protected time duration: No limit
INPUT SPECIFICATIONS
■ Input Signal: Input resistor incorporated
Maximum range: 0 – 20 mA DC
Ex-factory setting: 4 – 20 mA DC
Minimum span: 2 mA
Offset: Lower range can be any specific value within the
maximum range provided that
the minimum span is maintained.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com