Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8316ARM Datasheet(PDF) 6 Page - Analog Devices

Part # AD8316ARM
Description  Dual Output GSM PA Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8316ARM Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8316ARM Datasheet HTML 2Page - Analog Devices AD8316ARM Datasheet HTML 3Page - Analog Devices AD8316ARM Datasheet HTML 4Page - Analog Devices AD8316ARM Datasheet HTML 5Page - Analog Devices AD8316ARM Datasheet HTML 6Page - Analog Devices AD8316ARM Datasheet HTML 7Page - Analog Devices AD8316ARM Datasheet HTML 8Page - Analog Devices AD8316ARM Datasheet HTML 9Page - Analog Devices AD8316ARM Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. C
–6–
AD8316
FREQUENCY – GHz
0
0.5
1.0
23
21
20
1.5
2.0
2.5
+25 C
22
+85 C
–30 C
TPC 13. Slope vs. Frequency at Selected Temperatures
VS – V
2.5
3.0
3.5
22.5
21.0
20.5
4.0
4.5
5.0
22.0
0.9GHz
0.1GHz
1.9GHz
2.5GHz
21.5
5.5
TPC 14. Slope vs. Supply Voltage
FREQUENCY – Hz
1
10
100
50
1k
10k
100k
1M
40
30
20
10
0
–10
–20
–30
–40
–50
–60
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
–210
10M
100M
CFLT = 0pF
CFLT = 220pF
TPC 15. AC Response from VSET to OUT1 and OUT2
FREQUENCY – GHz
0
–66
–68
0.5
1.0
2.0
1.5
–64
–60
–62
–30 C
+25 C
+85 C
2.5
TPC 16. Intercept vs. Frequency at Selected Temperatures
VS – V
2.5
–68
–70
3.0
3.5
5.0
4.5
–64
–58
–60
0.1GHz
5.5
–62
–66
4.0
0.9GHz
1.9GHz
2.5GHz
TPC 17. Intercept vs. Supply Voltage
FREQUENCY – Hz
100
10
1k
10k
10M
1M
10000
1000
100M
100
100k
–50dBm
–40dBm
–25dBm
0dBm
–20dBm
–10dBm
RF INPUT
28dBm
TPC 18. Output Noise Spectral Density, RL = ,
CFLT = 220 pF, by RF Input Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com