Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8316ARM Datasheet(PDF) 7 Page - Analog Devices

Part # AD8316ARM
Description  Dual Output GSM PA Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8316ARM Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8316ARM Datasheet HTML 3Page - Analog Devices AD8316ARM Datasheet HTML 4Page - Analog Devices AD8316ARM Datasheet HTML 5Page - Analog Devices AD8316ARM Datasheet HTML 6Page - Analog Devices AD8316ARM Datasheet HTML 7Page - Analog Devices AD8316ARM Datasheet HTML 8Page - Analog Devices AD8316ARM Datasheet HTML 9Page - Analog Devices AD8316ARM Datasheet HTML 10Page - Analog Devices AD8316ARM Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. C
AD8316
–7–
VS – V
2.7
1.9
2.8
2.9
3.2
3.1
3.5
2.9
3.3
2.5
3.0
0mA
3.3
3.1
2.7
2.3
2.1
3.4
3.5
2mA
4mA
6mA
8mA
10mA
12 mA
ILOAD
TPC 19. Maximum OUT Voltage vs. Supply Voltage by
Load Current, AD8316 Sourcing
VENBL
GND
VOUT
GND
CFLT = 68pF
AVERAGING = 16 SAMPLES
50mV PER
VERTICAL
DIVISION
CFLT = 220pF
1V PER
VERTICAL
DIVISION
2 s PER HORIZONTAL DIVISION
TPC 20. ENBL Response Time, Rise/Fall Time = 250 ns
52.3
2.7V
AD8316
OUT2
FLT2
VPOS
OUT1
COMM
FLT1
BSEL*
RFIN
ENBL
VSET
CFLT
CFLT
H-P 8110A
PULSE
GENERATOR
TEK P6204
FET PROBE
RL
1k
TEK 1103
PWR SUPPLY
TEK TDS3054
SCOPE
0.1 F
RF OUT
H-P 8648B
SIGNAL
GENERATOR
PULSE OUT
TEK P6204
FET PROBE
2.7V
*BSEL HIGH
OUT1;
BSEL LOW
OUT2
0.1GHz
60dBm
TPC 21. Test Setup for ENBL Response Time
VS – V
2.7
2.2
2.9
2.8
2.6
2.8
2.7
2.5
2.4
3.0
6mA
2.3
SHADING INDICATES
3 SIGMA
2mA
TPC 22. Distribution of Maximum OUT Voltage vs. Supply
Voltage with 2 mA and 6 mA Loads, 3 Sigma to Either
Side of Mean, AD8316 Sourcing
GND
AVERAGING = 16 SAMPLES
1V PER
VERTICAL
DIVISION
2 s PER HORIZONTAL DIVISION
GND
BSEL INPUT
VOUT2 10mV PER VERTICAL DIVISION
TPC 23. BSEL Response Time, ENBL Grounded
RF OUT
H-P 8648B
SIGNAL
GENERATOR
0.1GHz
–60dBm
52.3
2.7V
AD8316
OUT2
FLT2
VPOS
OUT1
COMM
FLT1
BSEL*
RFIN
ENBL
VSET
CFLT
H-P 8110A
PULSE
GENERATOR
PULSE OUT
TEK P6204
FET PROBE
CFLT
TEK P6204
FET PROBE
RL
1k
TEK 1103
PWR SUPPLY
TEK TDS3054
SCOPE
0.1 F
*BSEL HIGH
OUT1;
BSEL LOW
OUT2
TPC 24. Test Setup for BSEL Response Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com