Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD7522 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CD7522
Description  3W횞2BTL audio power amplifier circuit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CD7522 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CD7522 Datasheet HTML 1Page - List of Unclassifed Manufacturers CD7522 Datasheet HTML 2Page - List of Unclassifed Manufacturers CD7522 Datasheet HTML 3Page - List of Unclassifed Manufacturers CD7522 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
  双 极 电 路
CD7522CS
3. 3 、电特性
除非另有规定,
Tamb=25±2℃ , VCC=8V , RL=8Ω , f=1kHz, VVOL=1.25V
参 数 名 称
符 号
测 试 条 件
规 范 值
单 位
最小
典型
最大
静态电流
ICCQ
Vin=0,VVOL=0
45
100
mA
待机电流
ICCSB
Vin=0,VVOL=0
1
10
uA
输出噪声电压
Vno
Rg=10kΩ,VVOL=0
0.10
0.4
mVrms
电压增益
AV
PO=0.5W
31
33
35
dB
谐波失真度
THD
PO=0.5W
0.10
0.5
%
输出功率
PO
THD=10%
2.4
3.0
W
THD=10%,VCC=9.5V
3.2
4.0
THD=10%,VCC=12V
4.9
6.1
纹波抑制比
RR
Rg=10kΩ,VVOL=0
VR=1Vrms , fR=120
Hz
30
50
dB
输出偏移电压
VOF
Rg=10kΩ,VVOL=0V
-250
0
250
mV
音量衰减率
Att
PO=0.5W,VVOL=0V
70
85
dB
通道平衡
1
CB1
PO=0.5W
-1
0
1
dB
通道平衡
2
CB2
PO=0.5W,VVOL=0.6V
-3
0
3
dB
中级电压增益
GVM
PO=0.5W,VVOL=0.6V
20.5
23.5
26.5
dB
通道串音
CT
PO=0.5W
40
55
dB
待机端电流
ISTB
Vin=0,VSTB=3V
25
uA
音控端电流
IVOL
Vin=0,VVOL=0
-12
uA
4 、测试线路
版本:
2007-08-B
无 锡 华 润 矽 科 微 电 子 有 限 公 司
第
2 页 共 4 页
1
2
3
4
A
B
C
D
4
3
2
1
D
C
B
A
1
2
3
4
5
6
7
8
9
+
+
+
1u
8Ω
Standby
Vin1
Volume
Vcc
out1
CD7522CS
10
11
12
8Ω
+
1u
10k
Vin2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com