Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50FLW040AN5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M50FLW040AN5
Description  4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW040AN5 Datasheet(HTML) 1 Page - STMicroelectronics

  M50FLW040AN5 Datasheet HTML 1Page - STMicroelectronics M50FLW040AN5 Datasheet HTML 2Page - STMicroelectronics M50FLW040AN5 Datasheet HTML 3Page - STMicroelectronics M50FLW040AN5 Datasheet HTML 4Page - STMicroelectronics M50FLW040AN5 Datasheet HTML 5Page - STMicroelectronics M50FLW040AN5 Datasheet HTML 6Page - STMicroelectronics M50FLW040AN5 Datasheet HTML 7Page - STMicroelectronics M50FLW040AN5 Datasheet HTML 8Page - STMicroelectronics M50FLW040AN5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
1/52
PRELIMINARY DATA
August 2004
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
M50FLW040A
M50FLW040B
4 Mbit (5 x 64KByte Blocks + 3 x 16 x 4KByte Sectors)
3V Supply Firmware Hub / Low Pin Count Flash Memory
FEATURES SUMMARY
s
FLASH MEMORY
–
Compatible with either the LPC interface
or the FWH interface (Intel Spec rev1.1)
used in PC BIOS applications
–
5 Signal Communication Interface
supporting Read and Write Operations
–
5 Additional General Purpose Inputs for
platform design flexibility
–
Synchronized with 33MHz PCI clock
s
8 BLOCKS OF 64 KBYTES
–
5 blocks of 64 KBytes each
–
3 blocks, subdivided into 16 uniform
sectors of 4 KBytes each
Two blocks at the top and one at the
bottom (M50FLW040A)
One block at the top and two at the bottom
(M50FLW040B)
s
ENHANCED SECURITY
–
Hardware Write Protect Pins for Block
Protection
–
Register-based Read and Write
Protection
s
SUPPLY VOLTAGE
–VCC = 3 to 3.6V for Program, Erase and
Read Operations
–VPP = 12V for Fast Program and Erase
s
TWO INTERFACES
–
Auto Detection of Firmware Hub (FWH) or
Low Pin Count (LPC) Memory Cycles for
Embedded Operation with PC Chipsets
–
Address/Address Multiplexed (A/A Mux)
Interface for programming equipment
compatibility.
s
PROGRAMMING TIME: 10µs typical
s
PROGRAM/ERASE CONTROLLER
–
Embedded Program and Erase algorithms
–
Status Register Bits
Figure 1. Packages
s
PROGRAM/ERASE SUSPEND
–
Read other Blocks/Sectors during
Program Suspend
–
Program other Blocks/Sectors during
Erase Suspend
s
ELECTRONIC SIGNATURE
–
Manufacturer Code: 20h
–
Device Code (M50FLW040A): 08h
–
Device Code (M50FLW040B): 28h
TSOP32 (NB)
8 x 14mm
PLCC32 (K)
TSOP40 (N)
10 x 20mm


Similar Part No. - M50FLW040AN5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50FLW040AN5G STMICROELECTRONICS-M50FLW040AN5G Datasheet
534Kb / 64P
4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
24-Oct-2006
M50FLW040AN5P STMICROELECTRONICS-M50FLW040AN5P Datasheet
534Kb / 64P
4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
24-Oct-2006
M50FLW040AN5TG STMICROELECTRONICS-M50FLW040AN5TG Datasheet
534Kb / 64P
4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
24-Oct-2006
M50FLW040AN5TP STMICROELECTRONICS-M50FLW040AN5TP Datasheet
534Kb / 64P
4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
24-Oct-2006
More results

Similar Description - M50FLW040AN5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50FW016 STMICROELECTRONICS-M50FW016 Datasheet
673Kb / 45P
16 Mbit 2Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
12-Jul-2004
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
10-Nov-2004
M50LPW040 STMICROELECTRONICS-M50LPW040 Datasheet
272Kb / 36P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
12-Mar-2002
M50LPW116 STMICROELECTRONICS-M50LPW116 Datasheet
259Kb / 36P
16 Mbit 2Mb x8, Boot Block 3V Supply Low Pin Count Flash Memory
13-Feb-2003
logo
ATMEL Corporation
AT49LH004 ATMEL-AT49LH004 Datasheet
326Kb / 36P
4-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH002 ATMEL-AT49LH002 Datasheet
354Kb / 36P
2-megabit Firmware Hub and Low-Pin Count Flash Memory
logo
STMicroelectronics
M50FLW080A STMICROELECTRONICS-M50FLW080A Datasheet
534Kb / 64P
8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
26-Oct-2006
M50FLW040A STMICROELECTRONICS-M50FLW040A_06 Datasheet
534Kb / 64P
4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
24-Oct-2006
logo
Elite Semiconductor Mem...
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com