Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50FLW040AN5 Datasheet(PDF) 41 Page - STMicroelectronics

Part # M50FLW040AN5
Description  4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW040AN5 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M50FLW040AN5 Datasheet HTML 37Page - STMicroelectronics M50FLW040AN5 Datasheet HTML 38Page - STMicroelectronics M50FLW040AN5 Datasheet HTML 39Page - STMicroelectronics M50FLW040AN5 Datasheet HTML 40Page - STMicroelectronics M50FLW040AN5 Datasheet HTML 41Page - STMicroelectronics M50FLW040AN5 Datasheet HTML 42Page - STMicroelectronics M50FLW040AN5 Datasheet HTML 43Page - STMicroelectronics M50FLW040AN5 Datasheet HTML 44Page - STMicroelectronics M50FLW040AN5 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
41/52
M50FLW040A, M50FLW040B
APPENDIX A. BLOCK AND SECTOR ADDRESS TABLE
Table 34. M50FLW040A Block and Sector
Addresses
Block
Size
(KByte)
Address
Range
Block
No and
Type
Sector
Size
(KByte)
Sector
No
Register
Address
64
7F000h-
7FFFFh
7
(Top)
447
FBF0002
7E000h-
7EFFFh
446
7D000h-
7DFFFh
445
7C000h-
7CFFFh
444
7B000h-
7BFFFh
443
7A000h-
7AFFFh
442
79000h-
79FFFh
441
78000h-
78FFFh
440
77000h-
77FFFh
439
76000h-
76FFFh
438
75000h-
75FFFh
437
74000h-
74FFFh
436
73000h-
73FFFh
435
72000h-
72FFFh
434
71000h-
71FFFh
433
70000h-
70FFFh
432
64
6F000h-
6FFFFh
6
(Main)
431
FBE0002
6E000h-
6EFFFh
430
6D000h-
6DFFFh
429
6C000h-
6CFFFh
428
6B000h-
6BFFFh
427
6A000h-
6AFFFh
426
69000h-
69FFFh
425
68000h-
68FFFh
424
67000h-
67FFFh
423
66000h-
66FFFh
422
65000h-
65FFFh
421
64000h-
64FFFh
420
63000h-
63FFFh
419
62000h-
62FFFh
418
61000h-
61FFFh
417
60000h-
60FFFh
416
64
50000h-
5FFFFh
5
(Main)
FBD0002
64
40000h-
4FFFFh
4
(Main)
FBC0002
64
30000h-
3FFFFh
3
(Main)
FBB0002
64
20000h-
2FFFFh
2
(Main)
FBA0002
64
10000h-
1FFFFh
1
(Main)
FB90002
Block
Size
(KByte)
Address
Range
Block
No and
Type
Sector
Size
(KByte)
Sector
No
Register
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com